Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

200MT40KB Datasheet(PDF) 2 Page - International Rectifier

Part # 200MT40KB
Description  THREE PHASE BRIDGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

200MT40KB Datasheet(HTML) 2 Page - International Rectifier

  200MT40KB Datasheet HTML 1Page - International Rectifier 200MT40KB Datasheet HTML 2Page - International Rectifier 200MT40KB Datasheet HTML 3Page - International Rectifier 200MT40KB Datasheet HTML 4Page - International Rectifier 200MT40KB Datasheet HTML 5Page - International Rectifier 200MT40KB Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
200MT40KB
2
Bulletin I27129 rev. C 05/03
www.irf.com
I
O
Maximum RMS output current
200
A
120° Rect conduction angle
@ Case temperature
85
°C
I
TSM
Maximum peak, one-cycle
1800
A
t = 10ms
No voltage
forward, non-repetitive
1880
t = 8.3ms
reapplied
on state surge current
1520
t = 10ms
100% V
RRM
1590
t = 8.3ms
reapplied
Initial
I
2t
Maximum I
2 t for fusing
16.2
KA
2s
t = 10ms
No voltage
T
J
= T
J
max.
14.7
t = 8.3ms
reapplied
11.6
t = 10ms
100% V
RRM
12.6
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
162
KA
2
√s t = 0.1 to 10ms, no voltage reapplied
VF(TO) Value of threshold voltage
0.76
V
@ T
J
max.
rt
Slope resistance
2.4
m
Ω
V
FM
Maximum forward voltage drop
1.40
V
Ipk = 200A, T
J
= 25°C, tp = 400µs single junction
V
INS
Insulation voltage
4000
V
T
J = 25
oC all terminal shorted, f = 50Hz, t = 1s
Forward Conduction
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Parameter
200MT40KB
Units Conditions
V
RRM
, maximum
V
RSM
, maximum
I
RRM
max.
Type number
repetitive peak
non-repetitive peak
@ T
J
= 150°C
reverse voltage
reverse voltage
VV
mA
200MT40KB
400
500
6
Thermal and Mechanical Specifications
T
J
Maximum junction operating
- 40 to 150
°C
temperature range
T
stg
Maximum storage temperature
-40 to 150
°C
range
RthJC
Maximum thermal resistance,
0.12
K/W
DC operation per module
junction to case
0.69
DC operation per junction
0.14
120° Rect condunction angle per module
0.82
120° Rect condunction angle per junction
RthCS Maximum thermal resistance,
0.033
K/W
case to heatsink
T
Mounting torque ± 10%
4 to 6
Nm
to heatsink
wt
Approximate weight
176
g
A mounting compound is recommended and the
torque should be rechecked after a period of 3
hours to allow for the spread of the compound.
Lubricated threads.
Parameter
200MT40KB
Units Conditions
Per module.
Mounting surface smooth, flat and greased.
Heatsink compound thermal conductivity = 0.42W/mK



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com