Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

200MT40KB Datasheet(PDF) 5 Page - International Rectifier

Part # 200MT40KB
Description  THREE PHASE BRIDGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

200MT40KB Datasheet(HTML) 5 Page - International Rectifier

  200MT40KB Datasheet HTML 1Page - International Rectifier 200MT40KB Datasheet HTML 2Page - International Rectifier 200MT40KB Datasheet HTML 3Page - International Rectifier 200MT40KB Datasheet HTML 4Page - International Rectifier 200MT40KB Datasheet HTML 5Page - International Rectifier 200MT40KB Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
200MT40KB
5
Bulletin I27129 rev. C 05/03
www.irf.com
Fig. 3 - Maximum Non-Repetitive Surge Current
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Current Rating Nomogram (1 Module Per Heatsink)
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Pulse Train Duration(s)
Maximum Allowable Ambient Temperature (°C)
Total Output Current (A)
400
600
800
1000
1200
1400
1600
1
10
100
Per Junction
At Any Rated Load Condition And With
Rated Vrrm Applied Following Surge.
Initial Tj = 150˚C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0.01
0.1
1
10
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Per Junction
Of Conduction May Not Be Maintained.
Initial T j = 150˚C
No Voltage Reapplied
Rated V rrm Reapplied
0
30
60
90
120
150
0.5
K/W
1 K/W
0.3
K/W
0.2
K/W
0.1
K/W
0
100
200
300
400
500
0
40
80
120
160
200
120˚
(Rect)
Tj = 125˚C
Fig. 6 - Thermal Impedance Z
thJC
Characteristics
Square Wave Pulse Duration (s)
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
Steady State Value
RthJC per junction = 0.69 K/W
DC Operation)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com