Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

200MT40KB Datasheet(PDF) 1 Page - International Rectifier

Part # 200MT40KB
Description  THREE PHASE BRIDGE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

200MT40KB Datasheet(HTML) 1 Page - International Rectifier

  200MT40KB Datasheet HTML 1Page - International Rectifier 200MT40KB Datasheet HTML 2Page - International Rectifier 200MT40KB Datasheet HTML 3Page - International Rectifier 200MT40KB Datasheet HTML 4Page - International Rectifier 200MT40KB Datasheet HTML 5Page - International Rectifier 200MT40KB Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
200 A
THREE PHASE BRIDGE
Bulletin I27129 rev. C 05/03
1
200MT40KB
Power Module
I
O
200
A
@ T
C
85
°C
I
FSM
@ 50Hz
1800
A
@ 60Hz
1880
I
2t
@ 50Hz
16.2
KA
2s
@ 60Hz
14.7
I
2√t
162
KA
2√s
V
RRM
400
V
TSTG range
- 40 to 150
°C
T
J
range
- 40 to 150
Major Ratings and Characteristics
Parameters
200MT40KB
Units
www.irf.com
Features
Package fully compatible with the industry standard INT-A-
pak power modules series
High thermal conductivity package, electrically insulated case
Low power loss
Excellent power volume ratio, outline for easy connections to
power transistor and IGBT modules
4000 V
RMS
isolating voltage
UL E78996 approved
Description
It extents the existing range of MT...KB bridges an
extremely compact, encapsulated three phase bridge
rectifiers offering efficient and reliable operation. They
are intended for use in general purpose and heavy duty
applications.


Similar Part No. - 200MT40KB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
200MT40KPBF IRF-200MT40KPBF Datasheet
129Kb / 6P
THREE PHASE BRIDGE Power Module
logo
Vishay Siliconix
200MT40KPBF VISHAY-200MT40KPBF Datasheet
111Kb / 5P
Three Phase Bridge (Power Module), 200 A
29-Apr-08
200MT40KPBF VISHAY-200MT40KPBF Datasheet
150Kb / 7P
Three Phase Bridge (Power Module), 200 A
29-Apr-08
200MT40KPBF VISHAY-200MT40KPBF_12 Datasheet
150Kb / 7P
Three Phase Bridge (Power Module), 200 A
29-Apr-08
More results

Similar Description - 200MT40KB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
26MT IRF-26MT Datasheet
75Kb / 6P
THREE PHASE BRIDGE
130MT IRF-130MT Datasheet
94Kb / 7P
THREE PHASE BRIDGE
100MT160PA IRF-100MT160PA Datasheet
121Kb / 8P
THREE PHASE BRIDGE
60MT80KB IRF-60MT80KB Datasheet
95Kb / 7P
THREE PHASE BRIDGE
MTP3-PHASE IRF-MTP3-PHASE Datasheet
129Kb / 8P
THREE PHASE BRIDGE
logo
Solid States Devices, I...
RA0010 SSDI-RA0010 Datasheet
54Kb / 2P
THREE PHASE BRIDGE
logo
Vishay Siliconix
VS-36MT160 VISHAY-VS-36MT160_15 Datasheet
173Kb / 8P
Three Phase Bridge
09-Apr-15
VS-70MT80KPBF VISHAY-VS-70MT80KPBF Datasheet
189Kb / 7P
Three Phase Bridge
27-Feb-14
VS-100MT160PBPBF VISHAY-VS-100MT160PBPBF Datasheet
130Kb / 8P
Three Phase Bridge
16-Jul-14
VS-110MT80KPBF VISHAY-VS-110MT80KPBF Datasheet
193Kb / 7P
Three Phase Bridge
03-Mar-14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com