Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM1321 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CMM1321
Description  1.85 to 1.91 GHz 5V, 28.5 dBm, PCS Power Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CMM1321 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CMM1321 Datasheet HTML 1Page - List of Unclassifed Manufacturers CMM1321 Datasheet HTML 2Page - List of Unclassifed Manufacturers CMM1321 Datasheet HTML 3Page - List of Unclassifed Manufacturers CMM1321 Datasheet HTML 4Page - List of Unclassifed Manufacturers CMM1321 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3236 Scott Boulevard, Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
CMM1321
Preliminary Product Information - November 1996
(2 of 5)
Typical Performance
J-STD-018 CDMA Spectral Mask
-45 dBc/30 kHz
Span: 6.2 MHz, Frequency: 1880 MHz, RF Level: 28 dBm
-45 dBc/30 kHz
Fc +1.25 MHz
Fc -1.25 MHz
Power Output, 2nd and 3rd Harmonics
vs Input Power (4.8V, 1.88 GHz)
Input Power, dBm
-80
13
23
33
-14
10
-60
3
-8
-2
4
-20
-40
2nd
3rd
Gain & J-STD-018 CDMA Output Power
vs Frequency Over Voltage @ +25°C
Frequency, GHz
1.85
1.90
1.95
28
29
24
25
4.8 V
5.1 V
4.5 V
4.8 V
5.1 V
4.5 V
Power Output and Efficiency vs Input Power
(4.8V, 1.88 GHz)
Input Power, dBm
0
13
23
33
-14
10
20
3
-8
-2
4
60
40
Id & J-STD-018 CDMA Channel Power vs
Power Output (4.8V, 1.88 GHz)
Power Output, dBm (1.25 MHz BW)
-65
200
600
1000
-45
-25
Adjacent channel power (worst case ±1.25 MHz)
19
32
22
25
28



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com