Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM1321 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CMM1321
Description  1.85 to 1.91 GHz 5V, 28.5 dBm, PCS Power Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CMM1321 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CMM1321 Datasheet HTML 1Page - List of Unclassifed Manufacturers CMM1321 Datasheet HTML 2Page - List of Unclassifed Manufacturers CMM1321 Datasheet HTML 3Page - List of Unclassifed Manufacturers CMM1321 Datasheet HTML 4Page - List of Unclassifed Manufacturers CMM1321 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3236 Scott Boulevard, Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
CMM1321
Preliminary Product Information - November 1996
(4 of 5)
Evaluation Board Parts List
Part Type
Reference Designator
Description
Manufacturer
Part Number
Resistor
R1
51 K
Ω 0603
Rohm
MCR 03J 513
Capacitor
C1
68 pF 0603 NPO
Rohm
MCH 185 A068JK
Capacitor
C2
1.8 pF 0603 NPO
Rohm
MCH 185 A1R8CK
Capacitor
C3
2.2 pF 0603 NPO
Rohm
MCH 185 A2R2CK
Capacitor
C4
3.9 pF 0603 NPO
Rohm
MCH 185 A3R9CK
Capacitor
C5, C6, C7, C8, C9
100 pF 0603 NPO
Rohm
MCH 185 A101JK
Capacitor
C11, C12, C13
0.01 µF 0805 X7R
Rohm
MCH 215 C103KK
Capacitor
C14
2.2 µF Tantalum
Matsuo
267 M2002225M
RF IN
RF OUT
-Vgg (Vg1, Vg2)
Vdd (Vd1, Vd2)
Test Circuits
Evaluation Board Schematic
Board substrate:
ER = 4.60
Thickness = 0.031 in.
Transmission line electrical
lengths at 1.88 GHz.
(Dimensions in inches)
Line Z (Ø) E (°)
T1
75
9
T2
75
3
T3
65
16
T4
75
83
PB-CMM1321 Evaluation Board
C14
2.2 µF
RF IN
(50
Ω)
4
3
2
1
5
6
7
8
CMM1321-AK
RF OUT
(50
Ω)
-Vgg
C2
1.8 pF
C6
100 pF
C9
100 pF
C5
100 pF
C13
.01 µF
T4
T3
T1
C10
.01 µF
Vdd
C12
0.01 µF
C4
3.9 pF
R1
51K
Ω
C7
100 pF
C11
0.01 µF
NC
C8
100 pF
T2
C3
2.2 pF
C1
68 pF
Ground
Ground



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com