Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM1321 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CMM1321
Description  1.85 to 1.91 GHz 5V, 28.5 dBm, PCS Power Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CMM1321 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CMM1321 Datasheet HTML 1Page - List of Unclassifed Manufacturers CMM1321 Datasheet HTML 2Page - List of Unclassifed Manufacturers CMM1321 Datasheet HTML 3Page - List of Unclassifed Manufacturers CMM1321 Datasheet HTML 4Page - List of Unclassifed Manufacturers CMM1321 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3236 Scott Boulevard
Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
Celeritek reserves the right to make changes without further notice to any products herein. Celeritek makes no warranty, representation or guarantee regarding the
suitability of its products for any particular purpose, nor does Celeritek assume any liability arising out of the application or use of any product or circuit, and specifically
disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different applications. All operating
parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Celeritek does not convey any license under its patent
rights nor the rights of others. Celeritek products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body,
or other applications intended to support or sustain life, or for any other application in which the failure of the Celeritek product could create a situation where personal
injury or death may occur. Should Buyer purchase or use Celeritek products for any such unintended or unauthorized application, Buyer shall indemnify and hold Celeritek
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out
of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Celeritek was negligent
regarding the design or manufacture of the part. Celeritek is a registered trademark of Celeritek, Inc. Celeritek, Inc. is an Equal Opportunity/Affirmative Action Employer.
Ordering Information
The CMM1321 is available in a surface mount SO-8 power package and devices are available in tape and reel.
Part Number for Ordering
Package
CMM1321-AK
SO-8 surface mount power package
CMM1321-AK-000T
SO-8 surface mount power package in tape and reel
PB-CMM1321
Evaluation Board with SMA connectors
Physical Dimensions
CMM1321
Preliminary Product Information - November 1996
(5 of 5)
Pin # Name
Description
1
RF IN
RF input (DC Blocked)
2
GND
Ground
3
Vg1
Input stage gate bias
4
Vg2
Output stage gate bias
5
RF OUT/Vd2
RF output and Vd2. External
matching circuit required
6
RF OUT/Vd2
RF output and Vd2. External
matching circuit required
7
Vd1
Input stage drain bias
8
N/C
Ground this pin
RF IN
Vg2
GND
Vg1
Vd1
4
3
2
1
5
6
7
8
MATCH
Vd2
MATCH
RF OUT
N/C
Connection Diagram and Pin Descriptions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com