Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R63 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT46R63
Description  A/D with LCD Type 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R63 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT46R63 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Pin Name
I/O
Option
Description
OSC1
OSC2
I
O
RC or crystal
A resistor across OSC1 and VDD or a crystal across OSC1 and OSC2 will
generate a system clock.
OSC3
OSC4
I
O
¾
32768Hz crystal across OSC3 and OSC4 will generate RTC clock signal
which only provides system timing.
CMPN
I
¾
Negative input for comparator
CMPP
I
¾
Positive input for comparator
CMPO
O
¾
Comparator output
CHGO
O
¾
Comparator output with 32768Hz carrier
VDD
¾¾
Positive power supply
AVDD
¾¾
A/D converter Positive power supply, AVDD should be externally con-
nected to VDD
VSS
¾¾
Negative power supply, ground
RES
I
¾
Schmitt trigger reset input
VLCD
I/O
¾
LCD highest voltage; should be connected to VDD with external resistor.
SEG0~SEG18
O
SEG7~SEG18
logical CMOS
LCD segment signal driving outputs SEG7~SEG10 can be optioned as out-
put lines. SEG11~SEG14, SEG15~SEG18 can be optioned as a high sink-
ing output lines.
COM0~COM2
COM3/SEG19
O
COM3 or
SEG19
LCD common signal driving outputs
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=4MHz
2.2
¾
5.5
V
fSYS=8MHz
3.3
¾
5.5
V
IDD1
Operating Current (RC OSC)
(Analog Circuit Disabled)
3V
No load, fSYS=4MHz
¾
12
mA
5V
¾
35
IDD2
Operating Current
(RC OSC)
3V
No load, fSYS=4MHz
¾
12
mA
5V
¾
35
IDD3
Operating Current
5V
No load, fSYS=8MHz
¾
35
mA
ISTB1
Standby Current
(WDT OSC On, RTC Off, LCD Off)
3V
No load,
System HALT
¾¾
5
mA
5V
¾¾
15
ISTB2
Standby Current
(WDT OSC Off, RTC Off, LCD Off)
3V
System HALT
¾¾
1
mA
5V
¾¾
1
HT46R63/HT46C63
Rev. 1.90
5
May 17, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com