Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R63 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT46R63
Description  A/D with LCD Type 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R63 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT46R63 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Pad Assignment
HT46C63
* The IC substrate should be connected to VSS in the PCB layout artwork.
Pin Description
Pin Name
I/O
Option
Description
PA0~PA7
I/O
Pull-high
Wake-up
I/O lines with pull-high resistors (bit option). I/O modes of each line are con-
trolled by related control register bit (PAC). Each line of PA can be optioned
as a wake-up input (bit option). I/O configurations: Schmitt trigger/CMOS
PB0/AN0~
PB7/AN7
I/O
Pull-High
I/O lines with pull-high resistors (bit option). I/O modes of each line are con-
trolled by related control register bit (PBC). I/O configurations: Schmitt trig-
ger/CMOS. Each PB line is pin shared with an A/D converter input.
PC0~PC6,
PC7
I/O
Pull-High
I/O lines with pull-high resistors (bit option). I/O modes of each line are con-
trolled by related control register bit (PCC). I/O configurations: Schmitt trig-
ger/CMOS.
PD0/PWM0~
PD3/PWM3,
PD4/INT0,
PD5/INT1,
PD6/TMR,
PD7
I/O
Pull-High PWM
Interrupt Falling
and/or Rising
I/O lines with pull-high resistors (bit option). I/O modes of each line are con-
trolled by related control register bit (PDC). I/O configurations: Schmitt trig-
ger/CMOS. The PD0~PD3 can be selected as PWM outputs. INT0/INT1
are falling/rising edge selectable triggers.
HT46R63/HT46C63
Rev. 1.90
4
May 17, 2004
7 2
1
2
3
4
5
6
7
8
7 1
7 0
6 9
6 8
6 7
6 6 6 5
6 4
6 3
6 2
6 1
6 0
5 9
5 8
5 7
5 6
5 5
5 4
5 3
5 2
5 1
5 0
4 9
4 8
4 6
4 5
4 4
4 3
4 2
4 7
4 1
4 0
3 9
3 8
3 7
3 6
3 5
3 4
3 3
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 0
9
( 0 , 0 )
P A 0
P A 1
P A 2
P A 3
P A 4
P A 5
P A 6
P A 7
V S S
V S S
A N 0 / P B 0
A N 1 / P B 1
A N 2 / P B 2
A N 3 / P B 3
A N 4 / P B 4
A N 5 / P B 5
A N 6 / P B 6
A N 7 / P B 7
S E G 6
S E G 1
S E G 2
S E G 3
S E G 4
S E G 5
S E G 1 2
S E G 1 1
S E G 1 0
S E G 9
S E G 8
S E G 7
S E G 1 3
C O M 3 / S E G 1 9
S E G 1 8
S E G 1 7
S E G 1 6
S E G 1 5
S E G 1 4
C O M 1
C O M 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com