Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R63 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT46R63
Description  A/D with LCD Type 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R63 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT46R63 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
HT46R63/HT46C63
Rev. 1.90
21
May 17, 2004
A/D Converter
The 8 channels and 8-bit resolution (7-bit accuracy) A/D
converter are implemented in this microcontroller. The
reference voltage is AVDD. The AVDD pin must be con-
nected to VDD externally. Conversion accuracy may
therefore be degraded by voltage drops and noise in the
event of heavily loaded or badly coupled power supply
lines. The A/D converter contains 3 special registers
which are; ADR (21H), ADCR (22H) and ACSR (23H).
The ADR is A/D result register. After the A/D conversion
is completed, the ADR should be read to get the conver-
sion result data. The ADCR is an A/D converter control
register, which defines the A/D channel number, analog
channel select, start A/D conversion control bit and the
end of A/D conversion flag. If the users want to start an
A/D conversion, after select the converted analog chan-
nel, and then give START bit a positive pulse (0
®1®0).
At the end of A/D conversion, the EOCB bit is cleared
and an A/D converter interrupt occurs(if the A/D con-
verter interrupt is enabled). The ACSR is an A/D clock
setting register, which is used to select the A/D clock
source.
The A/D converter control register is used to control the
A/D converter. The bit2~bit0 of the ADCR are used to
select an analog input channel. There are a total of 8
channels to select. The bit5~bit3 of the ADCR are used
to set PB configurations. PB can be an analog input or
as digital I/O line decided by these 3 bits. Once a PB line
is selected as an analog input, the I/O functions and
pull-high resistor of this I/O line are disabled. The EOCB
bit (bit 6 of the ADCR) is end of A/D conversion flag.
Check this bit to know when A/D conversion is com-
pleted. The START bit of the ADCR is used to begin the
conversion of A/D converter. Give START bit a falling
edge that means the A/D conversion has started. The
A/D converter remains in reset state while the START
stays at
²1². In order to ensure the A/D conversion is
completed, the START should stay at
²0² until the
EOCB is cleared to
²0² (end of A/D conversion).
The bit 7 of the ACSR is used for testing purpose only. It
can not be used for the users. The bit1 and bit0 of the
ACSR are used to select A/D clock sources.
When the A/D conversion is completed, the A/D inter-
rupt request flag is set. The bit is set to
²1² when the
START bit is set to
²1².
Register Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0
ADR
D7
D6
D5
D4
D3
D2
D1
D0
B i a s c u r r e n t ( l o w , m i d d l e o r h i g h ) i s s e l e c t a b l e b y R O M c o d e o p t i o n .
L C D O f f : V 0 = V 1 = V 2 = V 3 = V L C D ( = V D D , i f c o n n e c t V L C D t o V D D w i t h e x t e r n a l r e s i s t o r )
L C D d r i v e r a n d b i a s O n : V 0 = V S S , V 1 = V L C D / 3 , V 2 = V L C D * 2 / 3 , V 3 = V L C D
* V D D = 5 V , B i a s f o r V L C D = 3 V
L o w : 8 m A , e x t e r n a l R = 2 4 0 k W
M i d d l e : 1 6 m A , e x t e r n a l R = 1 2 0 k W
H i g h : 4 8 m A , e x t e r n a l R = 4 0 k W
* * V D D = 3 V , B i a s f o r V L C D = 3 V
L o w : 8 m A , e x t e r n a l R = 0 k W
M i d d l e : 1 6 m A , e x t e r n a l R = 0 k W
H i g h : 4 8 m A , e x t e r n a l R = 0 k W
V 3
V 2
V D D
V 1
V 0
L C D O n / O f f
V L C D
E x t e r n a l R
N o t e :
LCD Bias Block Diagram and Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com