Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2P Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # M2P
Description  Large Rectangular-bodied Indicators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M2P Datasheet(HTML) 2 Page - Omron Electronics LLC

  M2P Datasheet HTML 1Page - Omron Electronics LLC M2P Datasheet HTML 2Page - Omron Electronics LLC M2P Datasheet HTML 3Page - Omron Electronics LLC M2P Datasheet HTML 4Page - Omron Electronics LLC M2P Datasheet HTML 5Page - Omron Electronics LLC M2P Datasheet HTML 6Page - Omron Electronics LLC M2P Datasheet HTML 7Page - Omron Electronics LLC M2P Datasheet HTML 8Page - Omron Electronics LLC M2P Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
M2P
2
Model Number Structure
Model Number Legend ..... The model numbers used to order sets of Units are illustrated below. One set comprises the Display, Lamp,
and Socket.
For information on combinations, refer to Ordering Information.
(4)
(5)
24E R ..........Single screen
(1)
(2) (3)
Upper Lower
M2P J -90A 1 1 - 24E RW ........................... Horizontal 2-split screen
(2) Screen Pattern
*1. With chameleon models, the whole screen
lights red, green, or orange. When not lit, the
display is white.
• The available rectangular models are shown
below. Select from among the individual
products shown on page 7.
The above diagrams show the Sockets with
the “
” mark facing down.
Colored-illumination models up to the
4-split screen models are available as
individual
Units. Refer to page 7.
“Colored-illumination” models operate
in the way shown
below:
Illumination-only models
Symbol
Screen pattern
1
Single screen
2
2-split screen
G
Chameleon *1
Note: The chameleon screen
pattern is not available
with M2PT models.
The chameleon screen
pattern is only available
with 12 or 24-VDC
models.
Vertical 2-split
screen models
4-split screen
models
Horizontal 3-split
screen models
Vertical 3-split
screen models
Unlit
White
Lit
The built-in
LED is colored.
Color
R (Red)
Upper
W (White) Lower
(3) Case Color
Note: M2PT model is available
in light gray only.
Symbol
Color
1Black
2
Light gray
(1) Shape of Display
Symbol
Shape
J
Rectangular
A
Square
T
Round
Number of Built-in
LED Lamps
*2. These split screen models are available only as individual Units.
They cannot be ordered as sets.
Screen
pattern
A3PJ
A3PA
A3PT
Single screen
Built-in LED
models
2
Horizontal 2-
split screen
---
Vertical 2-split
screen
Horizontal 3-
split screen
Vertical 3-split
screen
4-split screen
4
*2
---
---
(4) Lighting Method
LED-lighted Models
(M2PJ and M2PA Only)
LED Lamp-lighted
Models (M2PT Only)
Note: M2PJ and M2PA can also be
ordered separately. Refer to
page 7 for details.
Incandescent Lamp
lighted Models
Symbol Rated voltage
05E
5 VDC
12E
12 VDC
24E
24 VDC
Symbol Rated voltage
05C
5 VDC
12C
12 VDC
24C
24 VDC
Symbol Rated voltage
06
6 VAC/VDC
14
14 VAC/VDC
28
28 VAC/VDC
(5) Color of Display
For LED
• The chameleon screen pattern is not
available with M2PT models.
• The chameleon screen pattern is only
available with 12 or 24-VDC models.
For Incandescent Lamp
• Includes colored plate. Refer to page 8
for details.
• (Low-power incandescent lamp)
Symbol
Color
RRed
O
Orange
G
Green
W
White
K
Chameleon
Symbol
Color
No symbol
Red, Orange,
White, Blue,
Green
Number of Built-in
Incandescent Lamps
Screen
pattern
A3PJ
A3PA
A3PT
Single screen
2
1
2
Horizontal 2-
split screen
4
(Low-
power
incan-
descent
lamp)
*2
2---
Vertical 2-split
screen
---
---
3-split,
E shape/
T shape
---
---
4-split screen
---
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com