Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2P Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # M2P
Description  Large Rectangular-bodied Indicators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M2P Datasheet(HTML) 1 Page - Omron Electronics LLC

  M2P Datasheet HTML 1Page - Omron Electronics LLC M2P Datasheet HTML 2Page - Omron Electronics LLC M2P Datasheet HTML 3Page - Omron Electronics LLC M2P Datasheet HTML 4Page - Omron Electronics LLC M2P Datasheet HTML 5Page - Omron Electronics LLC M2P Datasheet HTML 6Page - Omron Electronics LLC M2P Datasheet HTML 7Page - Omron Electronics LLC M2P Datasheet HTML 8Page - Omron Electronics LLC M2P Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CSM_M2P_DS_E_4_1
1
Indicator (Rectangular)
M2P
Large Rectangular-bodied Indicators
• Excellent illumination with even surface brightness.
• Three-color models (green, orange, red; chameleon lighting)
included in lineup.
Refer to Safety Precautions for All Pushbutton Switches/
Indicators and Safety Precautions of A3P.
List of Models
Model
Appearance
M2PJ
(Rectangular)
M2PA
(Square)
M2PT
(Round)
52 max.
6.7
25
32
52 max.
6.7
25
25
52 max.
6.4
32 dia.
■ Panel cutout dimensions: Refer to page 12.
■ Dimensions: Refer to page 11.
■ Accessories, replacements, and tools: Refer to the A3P. ■ Specifications: Refer to the A3P.


Similar Part No. - M2P

ManufacturerPart #DatasheetDescription
logo
AG Electronica
M2P-G618/20 AGELECTRONICA-M2P-G618/20 Datasheet
254Kb / 2P
PROTECTOR DE GIMBAL PARA DJI MAVIC 2 PRO Y ZOOM
23/01/2019
logo
List of Unclassifed Man...
M2P1 ETC1-M2P1 Datasheet
179Kb / 2P
MEDIUM CURRENT SILICON RECTIFIERS
logo
STMicroelectronics
M2P45M12W2-1LA STMICROELECTRONICS-M2P45M12W2-1LA Datasheet
908Kb / 14P
Automotive‑grade ACEPACK DMT‑32 power module, sixpack topology, 1200 V, 47.5 mΩ typ. SiC Power MOSFET with NTC
29-Jul-2025
logo
List of Unclassifed Man...
M2P5 ETC1-M2P5 Datasheet
179Kb / 2P
MEDIUM CURRENT SILICON RECTIFIERS
M2P9 ETC1-M2P9 Datasheet
179Kb / 2P
MEDIUM CURRENT SILICON RECTIFIERS
More results

Similar Description - M2P

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MRB77D MICRO-ELECTRONICS-MRB77D Datasheet
52Kb / 1P
SOLID STATE INDICATORS ARE 1.4mm x 3.7mm RECTANGULAR BARS PACKAGE
MS61D MICRO-ELECTRONICS-MS61D Datasheet
57Kb / 1P
SOLID STATE INDICATORS ARE ENCAPSULATED IN RECTANGULAR EPOXY PACKAGE
MSB62D MICRO-ELECTRONICS-MSB62D Datasheet
56Kb / 1P
SOLID STATE INDICATORS ARE ENCAPSULATED IN RECTANGULAR EPOXY PACKAGE
MSB68D MICRO-ELECTRONICS-MSB68D Datasheet
56Kb / 1P
SOLID STATE INDICATORS ARE ENCAPSULATED IN 4.95mm x 4.95mm RECTANGULAR PACKAGE
logo
Omron Electronics LLC
K3HB OMRON-K3HB Datasheet
1Mb / 32P
Digital Indicators
A3PA-7010-2 OMRON-A3PA-7010-2 Datasheet
2Mb / 27P
Large Square-bodied Lighted Pushbutton Switches
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700-B00A1 AVAGO-HLMP-1700-B00A1 Datasheet
294Kb / 10P
Telecommunications indicators
logo
List of Unclassifed Man...
621-53 ETC2-621-53 Datasheet
136Kb / 2P
Metal Bodied Front Mountable LED Indicator
logo
Visual Communications C...
CM01R VCC-CM01R Datasheet
149Kb / 2P
Rectangular StatusPak??Circuit Board Indicators
logo
Copal Electronics
PZ-30 COPAL-PZ-30_16 Datasheet
139Kb / 7P
PRESSURE INDICATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com