Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2P45M12W2-1LA Datasheet (PDF) - STMicroelectronics

M2P45M12W2-1LA Datasheet PDF - STMicroelectronics
Part # M2P45M12W2-1LA
Download  M2P45M12W2-1LA Download
File Size   908.54 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive‑grade ACEPACK DMT‑32 power module, sixpack topology, 1200 V, 47.5 mΩ typ. SiC Power MOSFET with NTC

M2P45M12W2-1LA Datasheet (PDF)

Go To PDF Page Download Datasheet
M2P45M12W2-1LA Datasheet PDF - STMicroelectronics

Part # M2P45M12W2-1LA
Download  M2P45M12W2-1LA Click to download

File Size   908.54 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive‑grade ACEPACK DMT‑32 power module, sixpack topology, 1200 V, 47.5 mΩ typ. SiC Power MOSFET with NTC

M2P45M12W2-1LA Datasheet (HTML) - STMicroelectronics


M2P45M12W2-1LA Product details

Features
• AQG 324 qualified
• 1200 V blocking voltage
• 47.5 mΩ of typical RDS(on)
• Maximum operating junction temperature TJ = 175 °C
• DBC Cu-AlN-Cu based substrate to improve thermal performance
• Isolation voltage 3.5 kV
• Integrated NTC temperature sensor
• Zig-zag pin-out




Similar Part No. - M2P45M12W2-1LA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
M2P OMRON-M2P Datasheet
1Mb / 15P
Large Rectangular-bodied Indicators
logo
AG Electronica
M2P-G618/20 AGELECTRONICA-M2P-G618/20 Datasheet
254Kb / 2P
PROTECTOR DE GIMBAL PARA DJI MAVIC 2 PRO Y ZOOM
23/01/2019
logo
List of Unclassifed Man...
M2P1 ETC1-M2P1 Datasheet
179Kb / 2P
MEDIUM CURRENT SILICON RECTIFIERS
M2P5 ETC1-M2P5 Datasheet
179Kb / 2P
MEDIUM CURRENT SILICON RECTIFIERS
M2P9 ETC1-M2P9 Datasheet
179Kb / 2P
MEDIUM CURRENT SILICON RECTIFIERS
More results


Similar Description - M2P45M12W2-1LA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A1TB45W65M5-FC STMICROELECTRONICS-A1TB45W65M5-FC Datasheet
445Kb / 14P
ACEPACK 1 power module, boost topology 650 V, MDmesh M5 Power MOSFETs with SiC diode and NTC
A2F12M12W2-F1 STMICROELECTRONICS-A2F12M12W2-F1 Datasheet
565Kb / 15P
ACEPACK 2 power module, fourpack topology, 1200 V, 13 mΩ typ. SiC Power MOSFET gen.2 with NTC
A2U12M12W2-F1C STMICROELECTRONICS-A2U12M12W2-F1C Datasheet
478Kb / 14P
ACEPACK 2 power module, 3-level topology, 1200 V, 100 A based on SiC Power MOSFET
A2U12M12W2-F2 STMICROELECTRONICS-A2U12M12W2-F2 Datasheet
482Kb / 15P
ACEPACK 2 power module, 3‑level topology, 1200 V, 13 mΩ typ. SiC Power MOSFET gen.2 with NTC
ADP280120W3 STMICROELECTRONICS-ADP280120W3 Datasheet
8Mb / 15P
Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 3.8 m typ. SiC MOSFET gen.3 based
12-Oct-2022
ADP360120W3 STMICROELECTRONICS-ADP360120W3 Datasheet
8Mb / 15P
Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 2.55 m typ. SiC MOSFET gen.3 based
19-Oct-2022
ADP480120W3-L STMICROELECTRONICS-ADP480120W3-L Datasheet
2Mb / 15P
Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 1.9 m typ. SiC MOSFET gen.3 based
10-Aug-2022
ADP480120W3 STMICROELECTRONICS-ADP480120W3 Datasheet
8Mb / 15P
Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 1.9 m typ. SiC MOSFET gen.3 based
13-Oct-2022
logo
Microchip Technology
MSC080SMA120B4 MICROCHIP-MSC080SMA120B4 Datasheet
5Mb / 15P
1200 V, 80 mΩ SiC N-Channel Power MOSFET
12/2022 Revision B
MSC360SMA120S MICROCHIP-MSC360SMA120S Datasheet
6Mb / 16P
1200 V, 360 mΩ SiC N-Channel Power MOSFET
01/2022 Revision A
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com