Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2P Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # M2P
Description  Large Rectangular-bodied Indicators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M2P Datasheet(HTML) 4 Page - Omron Electronics LLC

  M2P Datasheet HTML 1Page - Omron Electronics LLC M2P Datasheet HTML 2Page - Omron Electronics LLC M2P Datasheet HTML 3Page - Omron Electronics LLC M2P Datasheet HTML 4Page - Omron Electronics LLC M2P Datasheet HTML 5Page - Omron Electronics LLC M2P Datasheet HTML 6Page - Omron Electronics LLC M2P Datasheet HTML 7Page - Omron Electronics LLC M2P Datasheet HTML 8Page - Omron Electronics LLC M2P Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
M2P
4
Ordering Information
Ordering as a Set ..................................The model numbers used to order sets of Units are given in the following tables. One set comprises
the Display, Lamp, and Socket.
M2PA (Square) Single Screen Models
Note: Enter the desired color symbol for the Display in (1). (R) = Red, (O) = Orange, (G) = Green, (W) = White.
Example: Red M2PA-90A11-24E R
*1. You can change the screen colors of chameleon models between red, green, and orange, by changing the terminal wiring. Refer to page 14 for details.
*2. Incandescent lamps are supplied with colored plates (white, red, green, blue, and orange) and legend plates (milk-white and transparent). Use the appropriate
combination.
Note: Enter the desired color symbols for the Display in (1) and (2). (R) = Red, (O) = Orange, (G) = Green, (W) = White.
* Incandescent lamps are supplied with colored plates (white, red, green, blue, and orange) and legend plates (milk-white and transparent). Use the appropriate
combination.
M2PT (Round) Single Screen Models
Note: Enter the desired color symbol for the Display in (1). (R) = Red, (O) = Orange, (G) = Green, (W) = White.
Example: Red
M2PT-90A12-24C R
* Incandescent lamps are supplied with a colored plates (white, red, green, blue, and orange). Use the appropriate combination. Models A3PT and M2PT (round
models), however, are not supplied with legend plates.
Case color
Black
Light gray
Display color symbol
Lighting method
LED
5 VDC
M2PA-90A11-05E(1)
M2PA-90A12-05E(1)
ROGW
12 VDC
M2PA-90A11-12E(1)
M2PA-90A12-12E(1)
24 VDC
M2PA-90A11-24E(1)
M2PA-90A12-24E(1)
Chameleon
12 VDC
M2PA-90AG1-12EK
M2PA-90AG2-12EK
*1
24 VDC
M2PA-90AG1-24EK
M2PA-90AG2-24EK
Incandescent
lamp
6 VDC/VAC
M2PA-90A11-06
M2PA-90A12-06
*2
14 VDC/VAC
M2PA-90A11-14
M2PA-90A12-14
28 VDC/VAC
M2PA-90A11-28
M2PA-90A12-28
Case color
Black
Light gray
Display color symbol
Lighting method
LED
24 VDC
M2PA-90A21-24E(1)(2)
M2PA-90A22-24E(1)(2)
R O G W
Incandescent
lamp
6 VDC/VAC
M2PA-90A21-06
M2PA-90A22-06
*
14 VDC/VAC
M2PA-90A21-14
M2PA-90A22-14
28 VDC/VAC
M2PA-90A21-28
M2PA-90A22-28
Example:
Red
Upper
M2PA-90D21-24E R W
White
Lower
Red
White
Case color
Light gray
Display color symbol
Lighting method
LED
5 VDC
M2PT-90A12-05C(1)
ROGW
12 VDC
M2PT-90A12-12C(1)
24 VDC
M2PT-90A12-24C(1)
Incandescent
lamp
28 VDC/VAC
M2PT-90A12-28
*
Square
(Single Screen)
Single
screen
(1)
Square
(Horizontal 2-split screen)
2-split
screen
(1)
(2)
Round
(Single Screen)
Single
screen
(1)
Individual models: Refer to pages 6 to 8.
(The Display, Lamp, and Socket can be ordered separately.)
■ Specifications: Refer to the A3P.
■ Dimensions: Refer to page 11. Accessories: Refer to the A3P.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com