Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN38N80Q2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN38N80Q2
Description  N-Channel Enhancement Mode Avalanche Rated, High dv/dt, Low Q Low intrinsic R
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN38N80Q2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN38N80Q2 Datasheet HTML 1Page - IXYS Corporation IXFN38N80Q2 Datasheet HTML 2Page - IXYS Corporation IXFN38N80Q2 Datasheet HTML 3Page - IXYS Corporation IXFN38N80Q2 Datasheet HTML 4Page - IXYS Corporation IXFN38N80Q2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2004 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J = 25°C to 150°C
800
V
V
DGR
T
J = 25°C to 150°C; RGS = 1 MΩ
800
V
V
GS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25°C38
A
I
DM
T
C = 25°C, pulse width limited by TJM
150
A
I
AR
T
C = 25°C38
A
E
AR
T
C = 25°C75
mJ
E
AS
T
C = 25°C
4.0
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
20
V/ns
T
J ≤ 150°C, RG = 2 Ω
P
D
T
C = 25°C
735
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.063in) from case for 10s (Plus247, TO-264) 300
°C
V
ISOL
50/60Hz, RMS t =1 min
SOT-227B
2500
V~
I
ISOL < 1mA t = 1s
3000
V~
M
d
Mounting torque
TO-264
0.9/8 Nm/lb.in.
Terminal torque
SOT-227B
1.5/13 Nm/ib.in.
F
C
Mounting force
PLUS-247 22...130/5...30 N/lb
Weight
PLUS247
g
TO-264
10
g
SOT-227B
30
g
HiPerFETTM
Power MOSFETs
Q2-Class
N-Channel Enhancement Mode
Avalanche Rated, High dv/dt, Low Q
g
Low intrinsic R
g
Features
Double metal process for low gate
resistance
International standard packages
Epoxy meet UL 94 V-0, flammability
classification
Avalanche energy and current rated
Fast intrinsic Rectifier
miniBLOC package version with
Aluminum Nitrate isolation
Advantages
Easy to mount
Space savings
High power density
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 3mA
800
V
V
GS(th)
V
DS = VGS, ID = 8 mA
2.0
4.5
V
I
GSS
V
GS = ±30 VDC, VDS = 0
±200 nA
I
DSS
V
DS = VDSS
T
J =
25
°C50 µA
V
GS = 0 V
T
J = 125°C2
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 • ID25
220 m
Ω
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
G = Gate
D = Drain
S = Source
TAB = Drain
DS99150A(09/04)
TO-264 AA (IXFK)
S
G
D
D (TAB)
V
DSS
=
800 V
I
D25
=
38 A
R
DS(on)
=
220 m
Ω
Ω
Ω
Ω
Ω
t
rr ≤
≤≤≤≤ 250 ns
IXFK 38N80Q2
IXFN 38N80Q2
IXFX 38N80Q2
PLUS 247TM (IXFX)
G
D
Preliminary Data Sheet
miniBLOC, SOT-227 B (IXFN)
E153432
G
S*
S*
D
* Either Source terminal can be used as
main or Kelvin source terminal
D (TAB)


Similar Part No. - IXFN38N80Q2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN38N80Q2 IXYS-IXFN38N80Q2 Datasheet
141Kb / 5P
HiPerFET Power MOSFETs Q2-Class
More results

Similar Description - IXFN38N80Q2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH14N100Q2 IXYS-IXFH14N100Q2 Datasheet
564Kb / 4P
N-Channel Enhancement Mode Avalanche Rated, Low Qg Low Rg, High dv/dt, Low trr
IXFH52N30Q IXYS-IXFH52N30Q Datasheet
70Kb / 2P
N-Channel Enhancement Mode Avalanche Rated, High dv/dt, Low t Low Gate Charge and Capacitances
IXFR12N100Q IXYS-IXFR12N100Q Datasheet
33Kb / 2P
N-Channel Enhancement Mode Avalanche Rated, High dV/dt Low Gate Charge and Capacitances
IXFN38N100Q2 IXYS-IXFN38N100Q2 Datasheet
565Kb / 4P
N-Channel Enhancement Mode Avalanche Rated, Low Qg, Low Intrinsic Rg High dV/dt, Low trr
IXFN100N25 IXYS-IXFN100N25 Datasheet
78Kb / 2P
N-Channel Enhancement Mode Avalanche Rated, High dv/dt, Low
logo
Infineon Technologies A...
SPP08P06P INFINEON-SPP08P06P_09 Datasheet
843Kb / 10P
P-Channel Enhancement mode Avalanche rated dv/dt rated
Rev 1.5 2009-04-14
logo
IXYS Corporation
IXTH28N50Q IXYS-IXTH28N50Q Datasheet
177Kb / 4P
N-Channel Enhancement Mode Avalanche Rated, Low Qg, High dv/dt
IXTQ24N55Q IXYS-IXTQ24N55Q Datasheet
517Kb / 2P
N-Channel Enhancement Mode Avalanche Rated, Low Qg, High dv/dt
IXFH36N55Q IXYS-IXFH36N55Q Datasheet
171Kb / 4P
N-Channel Enhancement Mode Avalanche Rated, Low Qg, High dv/dt
IXFH80N08 IXYS-IXFH80N08 Datasheet
93Kb / 2P
N-Channel Enhancement Mode Avalanche Rated, High dv/dt
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com