Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN38N80Q2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFN38N80Q2
Description  N-Channel Enhancement Mode Avalanche Rated, High dv/dt, Low Q Low intrinsic R
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN38N80Q2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFN38N80Q2 Datasheet HTML 1Page - IXYS Corporation IXFN38N80Q2 Datasheet HTML 2Page - IXYS Corporation IXFN38N80Q2 Datasheet HTML 3Page - IXYS Corporation IXFN38N80Q2 Datasheet HTML 4Page - IXYS Corporation IXFN38N80Q2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
Fig. 11. Capacitance
100
1000
10000
0
5
10
15
20
25
30
35
40
VD S - Volts
Ciss
Coss
Crss
f = 1MHz
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100 120 140 160 180 200
Q G - nanoCoulombs
V
DS = 400V
I
D = 19A
I
G = 10mA
Fig. 7. Input Adm ittance
0
5
10
15
20
25
30
35
40
45
50
3.54
4.55
5.56
V G S - Volts
T
J = 125ºC
25ºC
-40ºC
Fig. 8. Transconductance
0
10
20
30
40
50
60
70
0
1020
304050
60
I D - Amperes
T
J = -40ºC
25ºC
125ºC
Fig. 9. Source Current vs.
Source-To-Drain Voltage
0
20
40
60
80
100
120
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
VS D - Volts
T
J = 125ºC
T
J = 25ºC
Fig. 12. Forw ard-Bias
Safe Operating Area
1
10
100
1000
10
100
1000
VD S - Volts
100µs
1ms
DC
T
J = 150ºC
T
C = 25ºC
R
DS(on) Limit
10ms
25µs
IXFK 38N80Q2
IXFN 38N80Q2
IXFX 38N80Q2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com