Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN38N80Q2 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFN38N80Q2
Description  N-Channel Enhancement Mode Avalanche Rated, High dv/dt, Low Q Low intrinsic R
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN38N80Q2 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFN38N80Q2 Datasheet HTML 1Page - IXYS Corporation IXFN38N80Q2 Datasheet HTML 2Page - IXYS Corporation IXFN38N80Q2 Datasheet HTML 3Page - IXYS Corporation IXFN38N80Q2 Datasheet HTML 4Page - IXYS Corporation IXFN38N80Q2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2004 IXYS All rights reserved
Fig. 2. Extended Output Characteristics
@ 25
ºC
0
10
20
30
40
50
60
70
80
90
0
3
6
9
12
15
18
21
24
27
30
VD S - Volts
VGS = 10V
8V
7V
5.5V
5V
6V
Fig. 3. Output Characteristics
@ 125
ºC
0
5
10
15
20
25
30
35
40
02
46
8
10
12
14
16
18
20
VD S - Volts
V
GS = 10V
7V
6V
5V
5.5V
Fig. 1. Output Characteristics
@ 25
ºC
0
5
10
15
20
25
30
35
40
01
23
4
5
67
8
9
10
VD S - Volts
V
GS = 10V
7V
5V
5.5V
6V
Fig. 4. RDS(on) Normalized to 0.5 ID25
Value vs. Junction Tem perature
0.4
0.7
1
1.3
1.6
1.9
2.2
2.5
2.8
3.1
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
I
D = 38A
I
D = 19A
V
GS = 10V
Fig. 6. Drain Current vs. Case
Tem perature
0
5
10
15
20
25
30
35
40
45
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade
Fig. 5. RDS(on) Normalized to
0.5 ID25 Value vs. ID
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
0
10203040506070
80
90
I D - Amperes
T
J = 125ºC
T
J = 25ºC
V
GS = 10V
IXFK 38N80Q2
IXFN 38N80Q2
IXFX 38N80Q2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com