Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3869AG-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UC3869AG-S08-R
Description  HIGH VOLTAGE GREEN MODE PWM CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3869AG-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UC3869AG-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3869AG-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3869AG-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3869AG-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3869AG-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3869AG-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3869AG-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3869AG-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3869AG-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
UC3869A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R103-143.B
OPERATION DESCRIPTION
The UTC UC3869A devices integrate many useful designs into one controller for low-power switch-mode power
supplies. The following descriptions highlight some of the features of the UTC UC3800 series.
Internal High Voltage Startup and Under Voltage Lockout (UVLO)
UTC UC3869A integrated HV start circuit, and provide about 0.25mA current to charge VDD pin during power on
state from HV pin. When VDD cap voltage is higher than UVLO(OFF), the charge current is switched off. At this
moment, the VDD capacitor provides current to UTC UC3869A until the auxiliary winding of the main transformer
starts to provide the operation current.
Operating Current
The typical operating current of UTC UC3869A is 0.8mA. Good efficiency is achieved with this low operating
current together with the ‘Extended burst mode’ control features.
Soft Start
UTC UC3869A features an internal 5ms soft start to soften the electrical stress occurring in the power supply
during startup. It is activated during the power on sequence. As soon as VDD reaches UVLO (OFF), the CS peak
voltage is gradually increased from 0V to the maximum level. Every restart up begins with a soft start.
Frequency shuffling for EMI improvement
The frequency shuffling (switching frequency modulation) is implemented in UTC UC3869A. The oscillation
frequency is modulated so that the tone energy is spread out. The spread spectrum minimizes the conduction band
EMI and therefore eases the system design.
Power-Saving Mode Operation
The proprietary Power-Saving Mode function provides linearly decreasing the switching frequency under
light-load conditions for higher efficiency. The feedback voltage, which is sampled from the voltage feedback loop, is
taken as the reference. Once the feedback voltage dropped below the threshold voltage, the switching frequency
starts to decrease. This Power-Saving Mode function dramatically reduces power consumption under light-load
conditions. The 22 kHz minimum frequency control also eliminates the audio noise at any loading conditions.
At zero load condition, the magnitude of power loss is in proportion to the number of switching events within a
fixed period of time. Reducing switching events leads to the reduction on the power loss and thus conserves the
energy. The UTC UC3869A enter burst mode at standby condition to minimize the switching loss and reduces the
standby power consumption. Power supplies using the UTC UC3869A can easily meet even the strictest regulations
regarding standby power consumption.
Oscillator Operation
The switching frequency is internally fixed at 65 kHz. No external frequency setting components are required for
PCB design simplification.
Current Sensing and Leading Edge Blanking
Cycle-by-Cycle current limiting is offered in UTC UC3869A current mode PWM control. The switching current is
detected by a sense resistor connected to the CS pin. An internal leading edge blanking circuit chops off the sensed
voltage spikes due to snubber diode reverse recovery and surge gate current of power MOSFET at initial internal
power MOSFET on state. The current limiting comparator is disabled and cannot turn off the internal power
MOSFET during the blanking period. The PWM duty cycle is determined by the current sense input voltage and the
FB input voltage.
Internal Synchronized Slope Compensation
Built-in slope compensation circuit adds voltage ramp onto the current sense input voltage for PWM generation.
This greatly improves the close loop stability at CCM and eliminates the sub-harmonic oscillation and thus reduces
the output ripple voltage.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com