Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3869AG-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC3869AG-S08-R
Description  HIGH VOLTAGE GREEN MODE PWM CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3869AG-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC3869AG-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3869AG-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3869AG-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3869AG-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3869AG-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3869AG-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3869AG-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3869AG-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3869AG-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC3869A
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R103-143.B
HIGH VOLTAGE GREEN MODE
PWM CONTROLLER
DESCRIPTION
The UTC UC3869A is a highly integrated current mode PWM
control IC with high voltage start up, optimized for high
performance, low standby power consumption and cost effective
offline flyback converter applications.
PWM switching frequency at normal operation is internally fixed
and is trimmed to a tight range. At no load condition, the IC
operates in power-saving mode for lower standby power,
decreasing frequency for Higher conversion efficiency at light load
condition. The internal slope compensation improves system
stability at high PWM duty cycle output. Leading-edge blanking on
current sense input removes the signal glitch, which offering
minimal external component count in the design.
The UTC UC3869A offers complete protection coverage
including Cycle-by-Cycle current limiting (OCP), VDD under voltage
lockout (UVLO), over load protection (OLP), over temperature
protection (OTP), and over voltage protection (OVP). Excellent EMI
performance is achieved with UTC proprietary frequency hopping
technique (ZL201020615247.1) together with soft driver control.
Audio noise is eliminated due to switch frequency more than 20kHz
during operation. The tone energy at below 22 kHz is minimized to
avoid audio noise during operation.
FEATURES
* High voltage startup
* Power on soft start reducing MOSFET Vds stress
* Efficiency and minimum standby power
* Frequency shuffling for EMI
* Audio noise free operation
* Fixed 65 kHz switching frequency
* Comprehensive protection coverage
VDD Under Voltage Lockout with Hysteresis (UVLO)
Cycle-by-cycle over current protection (OCP)
Overload Protection (OLP)
External programmable Over Temperature Protection (OTP)
VDD Over voltage Protection(OVP)


Similar Part No. - UC3869AG-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3869G-D08-T UTC-UC3869G-D08-T Datasheet
292Kb / 8P
High voltage startup
UC3869G-S08-R UTC-UC3869G-S08-R Datasheet
292Kb / 8P
High voltage startup
UC3869L-D08-T UTC-UC3869L-D08-T Datasheet
292Kb / 8P
High voltage startup
More results

Similar Description - UC3869AG-S08-R

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
High-Voltage Current-Mode PWM Controller
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
High-Voltage Current-Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3106 BCDSEMI-AP3106 Datasheet
345Kb / 11P
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
High-Voltage, Current-Mode PWM Controller
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A_16 Datasheet
369Kb / 24P
High Performance Voltage Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Diodes Incorporated
AP3106 DIODES-AP3106 Datasheet
593Kb / 10P
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
Rev 2
logo
Leadtrend Technology
LD7750A LEADTREND-LD7750A Datasheet
444Kb / 19P
High Voltage Green-Mode PWM Controller
logo
List of Unclassifed Man...
OB5269 ETC1-OB5269 Datasheet
377Kb / 1P
High Voltage Green Mode PWM Controller
logo
Diodes Incorporated
AP3107Z DIODES-AP3107Z Datasheet
644Kb / 11P
HIGH VOLTAGE GREEN MODE PWM CONTROLLER
March 2015 Rev. 3 - 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com