Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3869AG-S08-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UC3869AG-S08-R
Description  HIGH VOLTAGE GREEN MODE PWM CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3869AG-S08-R Datasheet(HTML) 8 Page - Unisonic Technologies

  UC3869AG-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3869AG-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3869AG-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3869AG-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3869AG-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3869AG-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3869AG-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3869AG-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3869AG-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
UC3869A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R103-143.B
TYPICAL APPLICATION CIRCUIT (19.5V / 3.07A)
BOM
Reference
Component
Reference
Component
F1
3.15A / 250V
R20, R21
1Ω
RV1
10Φ471
R22
0.68Ω
LF1, LF2
choke
R18
1K
CX1
0.33uF/275VAC
C11
100P/50V
BD1
2A / 600V KBP
T1
RM-10
Q1
UTC 8NM65, 8A/650V, TO-220
D5
MGBR30V200CL , 30A/200V,TO-220
C10
10uF/50V
U3
LTV-357-T-C
R1, R2
1.5M
L1
choke
D1
S1M 1A/1000V
C41, C43
1000uF/25V
R6
100K
C42
1uF/50V
R7, R8
62K
R41
820Ω
D3
BAV20W
R42
2.2K
C1
10nF/1KV
R43
680Ω
C2
120uF/400V
R45
68K ±1%
RT1
10K~100K
R46
10K ±1%
R12
0Ω
R47
N.C
C6, C12
1n/50V
C45
0.47uF/50V
C7
0.1uF/50V
C46
10nF/50V
D4
1N4148 0.15A/75V
U4
TL431 2.495V +-0.5% SOT-23
R13
5.6Ω
R40
47Ω
R15
10Ω
C40
220PF/1KV
R16
47Ω
CY1
Y1, 1000pF/250V
R17
10K
HS1
For D5
U1
PWM UTC UC3869A, SOP-8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com