Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT213G-R28-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT213G-R28-R
Description  POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT213G-R28-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT213G-R28-R Datasheet HTML 1Page - Unisonic Technologies UT213G-R28-R Datasheet HTML 2Page - Unisonic Technologies UT213G-R28-R Datasheet HTML 3Page - Unisonic Technologies UT213G-R28-R Datasheet HTML 4Page - Unisonic Technologies UT213G-R28-R Datasheet HTML 5Page - Unisonic Technologies UT213G-R28-R Datasheet HTML 6Page - Unisonic Technologies UT213G-R28-R Datasheet HTML 7Page - Unisonic Technologies UT213G-R28-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UT213
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R103-144.a
■
MARKING
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1, 2, 3, 28
TXOUT
RS-232 Transmitter Outputs
4, 9, 27
R1IN ~ R3IN
RS-232 Receiver Inputs
5, 8, 26
R1OUT ~ R3OUT
TTL/CMOS Receiver Outputs
6, 7, 20, 21
TXIN
TTL/CMOS Transmitter Inputs
10
GND
Ground
11
VCC
+3.0V ~ +5.5V Supply Voltage
12
C1+
Positive terminal of the voltage doubler charge-pump capacitor
13
V+
+5.5V generated by the charge pump
14
C1-
Negative terminal of the voltage doubler charge-pump capacitor
15
C2+
Positive terminal of inverting charge-pump capacitor
16
C2-
Negative terminal of inverting charge-pump capacitor
17
V-
-5.5V generated by the charge pump
18, 23
R4IN ~ R5IN
RS-232 Receiver Inputs (Active in shutdown)
19, 22
R4OUT ~ R5OUT
TTL/CMOS Receiver Outputs (Active in shutdown)
24
EN
Active high enable control
25
SHDN
Active low shutdown control



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com