Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT213G-R28-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UT213G-R28-R
Description  POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT213G-R28-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UT213G-R28-R Datasheet HTML 1Page - Unisonic Technologies UT213G-R28-R Datasheet HTML 2Page - Unisonic Technologies UT213G-R28-R Datasheet HTML 3Page - Unisonic Technologies UT213G-R28-R Datasheet HTML 4Page - Unisonic Technologies UT213G-R28-R Datasheet HTML 5Page - Unisonic Technologies UT213G-R28-R Datasheet HTML 6Page - Unisonic Technologies UT213G-R28-R Datasheet HTML 7Page - Unisonic Technologies UT213G-R28-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UT213
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R103-144.a
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
TIMING CHARACTERISTICS
Maximum Data Rate
DR
RL=3kΩ to 7kΩ, CL=50pf to 1000pF, one
transmitter switching
120
kbps
TDR1
SHDN =0V,R4,R5
4
40
Receiver Propagation Delay
TDR2
SHDN =VCC
0.5
10
µs
Enable
tR(EN)
600
ns
Receiver Output Time
Disable
tR(DIS)
Normal operation
200
ns
Transmitter Skew
tTS
|tPHL – tPLH|
300
ns
Transition-Region Slew Rate
SR
VCC=3.3V, TA=25°C,
RL=3kΩ~7kΩ,
measured from +3V ~
-3V or -3V~+3V
CL=50pF~2500pF
15
V/µs
Notes: 1. Typical values are at TA=25°C.
2. C1~C4=0.1µF, measured at 3.3V±10%. C1=0.047µF, C2~C4=0.33µF, measured at 5.0V ±10%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com