Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT213G-R28-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UT213G-R28-R
Description  POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT213G-R28-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UT213G-R28-R Datasheet HTML 1Page - Unisonic Technologies UT213G-R28-R Datasheet HTML 2Page - Unisonic Technologies UT213G-R28-R Datasheet HTML 3Page - Unisonic Technologies UT213G-R28-R Datasheet HTML 4Page - Unisonic Technologies UT213G-R28-R Datasheet HTML 5Page - Unisonic Technologies UT213G-R28-R Datasheet HTML 6Page - Unisonic Technologies UT213G-R28-R Datasheet HTML 7Page - Unisonic Technologies UT213G-R28-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UT213
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R103-144.a
DETAILED DESCRIPTION
Charge-Pump Voltage Converter
The UTC UT213 consists of a regulated dual charge pumps that provide output voltages of +5.5V and -5.5V,
regardless of the input voltage (VCC) changing from +3.0V to +5.5V.
The charge pumps operate in a discontinuous mode: if the output voltages are less than 5.5V, the charge pumps
are enabled; if the output voltages exceed 5.5V, the charge pumps are disabled.
Each charge pump requires a flying capacitor (C1, C2) and a reservoir capacitor (C3, C4) to generate the V+ and
V- supplies, refer to application circuit.
RS-232 Transmitters
UTC UT213’s transmitters are inverting level translators that convert CMOS-logic levels to 5.0V EIA/TIA-232 levels.
They guarantee a 120kbps data rate with worst-case loads of 3kΩ in parallel with 1000pF, providing compatibility
with PC-to-PC communication software.
Input thresholds are both CMOS and TTL compatible. The inputs of unused drivers can be left unconnected since
400kΩ pullup resistors to VCC are included on-chip. Since all drivers invert, the pullup resistors force the outputs of
unused drivers low. The input pullup resistors typically source 15μA; therefore, the driver inputs should be driven
high or open circuited to minimize power-supply current in shutdown mode.
RS-232 Receivers
The UTC UT213’s receivers convert RS-232 signals to CMOS logic output levels. Receiver outputs are inverting,
maintaining compatibility with driver outputs. The guaranteed receiver input thresholds of +0.8V and +2.4V are
significantly tighter than the Q3.0V threshold required by the EIA/TIA-232E specification. This allows receiver inputs
to respond to TTL/CMOS logic levels and improves noise margin for RS-232 levels.
Receiver inputs have approximately +0.5V hysteresis. This provides clean output transitions, even with slow rise
and fall time input signals with moderate amounts of noise and ringing. In shutdown, the UTC UT213’s receivers R4
and R5 have no hysteresis.
During normal operation, the UTC UT213’s receiver propagation delay is typically 1us. When entering shutdown
with receivers active, R4 and R5 are not valid until 80Fs after SHDN is driven low. In shutdown mode, propagation
delays increase to 4us for a high-to-low or a low-to-high transition.
Shutdown Function
In shutdown mode, the UTC UT213’s charge pumps are turned off, V+ is pulled down to VCC, V- is pulled to
ground, and the transmitter outputs are disabled. This reduces supply current typically to 15μA. The time required to
exit shutdown is 1ms, All receivers except R4 and R5 on the UTC UT213 are put into a high-impedance state in
shutdown mode. The UTC UT213’s R4 and R5 receivers still function in shutdown mode. These two receivers are
useful for monitoring external activity while maintaining minimal power consumption.
The enable control is used to put the receiver outputs into a high-impedance state, so that the receivers can be
connected directly to a three-state bus. It has no effect on the RS-232 drivers or on the charge pumps.
Table 1. Shutdown Logic Control Truth Table
SHDN
EN
OPERATION STATUS
TRANSMITTERS T1–T4
R1, R2, R3
R4, R5
0
0
Shutdown
High-Z
High-Z
High-Z
0
1
Shutdown
High-Z
High-Z
Active*
1
0
Normal operation
Active
High-Z
High-Z
1
1
Normal operation
Active
Active
Active
* Active with reduced performance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com