Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OHN3175U Datasheet(PDF) 6 Page - TT Electronics.

Part # OHN3175U
Description  Hallogic Hall-Effect Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OHN3175U Datasheet(HTML) 6 Page - TT Electronics.

Back Button OHN3175U Datasheet HTML 2Page - TT Electronics. OHN3175U Datasheet HTML 3Page - TT Electronics. OHN3175U Datasheet HTML 4Page - TT Electronics. OHN3175U Datasheet HTML 5Page - TT Electronics. OHN3175U Datasheet HTML 6Page - TT Electronics. OHN3175U Datasheet HTML 7Page - TT Electronics. OHN3175U Datasheet HTML 8Page - TT Electronics. OHN3175U Datasheet HTML 9Page - TT Electronics. OHN3175U Datasheet HTML 10Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Hallogic Hall-Effect Sensors
© TT electronics plc
Issue B
11/2016
Page 6
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Notes:
(1) South pole facing symbolized surface.
Electrical Characteristics (Vcc = 4.5 V to 24 V, TA = 25° C unless otherwise noted)
OHN3030U, OHS3030U, OHN3130U & OHS3130U
Uni-Polar
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
BOP
OH_3030
Magnetic Operate
OH_3130
Point
(1)
OHN3130
OHS3130
-
-
-
-
205
-
-
-
250
150
175
200
Gauss
+25°C
+25°C
-20°C to +85°C
-40°C to +125°C
BRP
OH_3030
Magnetic Release
OH_3130
Point
OHN3130
OHS3130
0
-150
-175
-200
160
-
-
-
-
-
-
-
Gauss
+25°C
+25°C
-20°C to +85°C
-40°C to +125°C
BH
OH_3030
Magnetic
OH_3130
Hysteresis
OHN3130
OHS3130
20
20
20
20
45
-
-
-
-
-
-
-
Gauss
+25°C
+25°C
-20°C to +85°C
-40°C to +125°C
Icc
Supply Current
-
4
7
mA
Vcc = 24 V, Output Off, B ≤ 0 Gauss
VOL
Output Saturation Voltage
-
100
400
mV
Vcc = 4.5 V, IOL = 20 mA, B ≥ 200 Gauss
IOH
Output Leakage Current
-
0.1
10.0
µA
Vcc = 24 V, VOUT = 24 V, B ≤ 50 Gauss
tr
Output Rise Time
-
0.21
1.00
µs
RL = 820 Ω, CL = 20 pF, Vcc = 12 V
tf
Output Fall Time
-
0.10
1.00
µs
OHN3131U & OHS3131U
Uni-Polar
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
BOP
Magnetic Operate
OH_3131
Point
(1)
OHN3131
OHS3131
-75
-75
-75
-
-
-
95
95
135
Gauss
+25°C
-20°C to +85°C
-40°C to +125°C
BRP
Magnetic Release
OH_3031
Point
OHN3131
OHS3131
-95
-59
-135
-
-
-
85
85
125
Gauss
+25°C
-20°C to +85°C
-40°C to +125°C
BH
Magnetic Hysteresis
OH_3031
OHN3131
OHS3131
10
10
10
-
-
-
-
-
-
Gauss
+25°C
-20°C to +85°C
-40°C to +125°C
Icc
Supply Current
-
4
7
mA
Vcc = 24 V, Output Off, B ≤ 0 Gauss
VOL
Output Saturation Voltage
-
100
400
mV
Vcc = 4.5 V, IOL = 20 mA, B ≥ 200 Gauss
IOH
Output Leakage Current
-
0.1
10.0
µA
Vcc = 24 V, VOUT = 24 V, B ≤ 50 Gauss
tr
Output Rise Time
-
0.21
1.00
µs
RL = 820 Ω, CL = 20 pF, Vcc = 12 V
tf
Output Fall Time
-
0.10
1.00
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com