Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OHN3175U Datasheet(PDF) 8 Page - TT Electronics.

Part # OHN3175U
Description  Hallogic Hall-Effect Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OHN3175U Datasheet(HTML) 8 Page - TT Electronics.

Back Button OHN3175U Datasheet HTML 2Page - TT Electronics. OHN3175U Datasheet HTML 3Page - TT Electronics. OHN3175U Datasheet HTML 4Page - TT Electronics. OHN3175U Datasheet HTML 5Page - TT Electronics. OHN3175U Datasheet HTML 6Page - TT Electronics. OHN3175U Datasheet HTML 7Page - TT Electronics. OHN3175U Datasheet HTML 8Page - TT Electronics. OHN3175U Datasheet HTML 9Page - TT Electronics. OHN3175U Datasheet HTML 10Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Hallogic Hall-Effect Sensors
© TT electronics plc
Issue B
11/2016
Page 8
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Notes:
(1) South pole facing symbolized surface.
Electrical Characteristics (Vcc = 4.5 V to 24 V, TA = 25° C unless otherwise noted)
OHN3177U, OHS3177U
Bi-Polar Latch
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
BOP
Magnetic Operate
OH_3177
Point
(1)
OHN3177
OHS3177
50
25
25
-
-
-
150
150
200
Gauss
+25°C
-20°C to +85°C
-40°C to +125°C
BRP
Magnetic Release
OH_3177
Point
OHN3177
OHS3177
-150
-150
-200
-
-
-
-50
-25
-25
Gauss
+25°C
-20°C to +85°C
-40°C to +125°C
BH
Magnetic Hysteresis
OH_3177
OHN3177
OHS3177
100
50
50
-
-
-
-
-
-
Gauss
+25°C
-20°C to +85°C
-40°C to +125°C
Icc
Supply Current
-
4
7
mA
Vcc = 24 V, Output Off, B ≤ -250 Gauss
VOL
Output Saturation Voltage
-
100
400
mV
Vcc = 4.5 V, IOL = 20 mA, B ≥ 250 Gauss
IOH
Output Leakage Current
-
0.1
10.0
µA
Vcc = 24 V, VOUT = 24 V, B ≤ -250 Gauss
tr
Output Rise Time
-
0.21
1.00
µs
RL = 820 Ω, CL = 20 pF, Vcc = 12 V
tf
Output Fall Time
-
0.10
1.00
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com