Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OHN3175U Datasheet(PDF) 10 Page - TT Electronics.

Part # OHN3175U
Description  Hallogic Hall-Effect Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OHN3175U Datasheet(HTML) 10 Page - TT Electronics.

Back Button OHN3175U Datasheet HTML 2Page - TT Electronics. OHN3175U Datasheet HTML 3Page - TT Electronics. OHN3175U Datasheet HTML 4Page - TT Electronics. OHN3175U Datasheet HTML 5Page - TT Electronics. OHN3175U Datasheet HTML 6Page - TT Electronics. OHN3175U Datasheet HTML 7Page - TT Electronics. OHN3175U Datasheet HTML 8Page - TT Electronics. OHN3175U Datasheet HTML 9Page - TT Electronics. OHN3175U Datasheet HTML 10Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Hallogic Hall-Effect Sensors
© TT electronics plc
Issue B
11/2016
Page 10
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Rise & Fall Time vs Temperature
0
50
100
150
200
250
300
350
-40°C
0°C
40°C
80°C
120°C
150°C
Temperature (°C)
Rise Time
Fall Time
Saturation Voltage vs Temperature
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-40°C
0°C
40°C
80°C
120°C
150°C
Temperature (°C)
RL = 820
ohms
Icc vs Temperature
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
-40°C
0°C
40°C
80°C
120°C
150°C
Temperature (°C)
Icc ON (mA)
Icc OFF (mA)
U.U.T.
820 Ohm
20 pf
3
2
1
Vcc
Output
Ground
VOL
OH
V
10%
90%
Tr
Tf
90%
10%
BOP
RP
B
Magnetic Field



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com