Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1107Q Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXCT1107Q
Description  AUTOMOTIVE COMPLIANT MICROPOWER CURRENT MONITOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1107Q Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZXCT1107Q Datasheet HTML 3Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 4Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 5Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 6Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 7Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 8Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 9Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 10Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ZXCT1107Q/09Q/10Q
Document number: DS37002 Rev. 3 - 2
7 of 17
www.diodes.com
October 2018
© Diodes Incorporated
ZXCT1107Q/09Q/10Q
Typical Characteristics (Cont.) (Note 12)
Note:
12. Typical characteristic only and not guaranteed performance.
-4.00%
-3.00%
-2.00%
-1.00%
0.00%
1.00%
2.00%
3.00%
4.00%
0
10
20
30
40
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -40°C
A
T = 0°C
A
V
= 100mV, V = 0V
SENSEOUT
V
(V)
Output Current Error vs. V
S+
S+
I
E
R
R
O
R
[
V
=
2
0
V
]
(
%
)
O
U
T
S
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com