Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1107Q Datasheet(PDF) 13 Page - Diodes Incorporated

Part # ZXCT1107Q
Description  AUTOMOTIVE COMPLIANT MICROPOWER CURRENT MONITOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1107Q Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button ZXCT1107Q Datasheet HTML 9Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 10Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 11Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 12Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 13Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 14Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 15Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 16Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ZXCT1107Q/09Q/10Q
Document number: DS37002 Rev. 3 - 2
13 of 17
www.diodes.com
October 2018
© Diodes Incorporated
ZXCT1107Q/09Q/10Q
Application Information (Cont.)
Protection against Load Short Circuit
In the event of a load short circuit or overload, a large proportion of the supply voltage may appear between the sense terminals. The supply may be
current limited, but there is normally a large reservoir capacitor which can deliver enough energy to damage the ZXCT11xx before the supply voltage
falls to a safe level due to current limit activation.
The ZXCT11xxQ is rated for a maximum sense voltage of +0.8V, but is safe if the input current is limited to ±8.5mA. In Figure 4, the resistor RPROT
limits the current and therefore protects the current monitor device against load short circuit without introducing significant current measurement error.
S+
ZXCT1107
or
ZXCT1109
S-
RSENSE
VSUPPLY
OUT
LOAD
GND
RGAIN
OUTPUT
RPROT
4.7k
C1
10pF
S+
ZXCT1110
S-
RSENSE
VSUPPLY
OUT
LOAD
GND
RGAIN
GND
OUTPUT
C1
10pF
RPROT
4.7k
Figure 4 Protection and EMC Filtering
EMC Susceptibility
In many applications, the circuit is required to operate in the presence of RF radiation. This radiation is coupled into the circuit via the supply or load
connections and will often cause significant bias shift due to rectification within the integrated circuit. The bias shift may lead to erroneous operation of
the integrated circuit. In Figure 4, a low pass filter, RPROT and C1, provides significant attenuation in the VHF and UHF regions. The value of C1 is
recommended to be in the range of 10pF to 47pF, leadless ceramic type.
PCB Layout Considerations
It is necessary to take into account a small volt drop in the PCB copper and solder joints to RSENSE. Such volt drops can create noticeable error at
currents of the order of 1A and greater. The PCB must be designed to provide the maximum possible copper carrying current via the sense resistor,
and the traces from the S+ and S- pins must be connected only to the resistor pads. In this way, the effect of the copper is minimized.
If used, the capacitor C1 should be placed very close the input pins S+ and S-.
Application: High Voltage Current Monitor
The schematic of Figure 5 shows how the current monitor may be used
in a high voltage application such as an Electric Vehicle system. In this
configuration the 500V PNP transistor Q1 drops a large proportion of
the supply voltage. Diode D2 limits the differential input voltage to a
safe level under overload conditions. The voltage across U1 is limited
by the zener diode D1. The output current of U1 is limited to about 3mA
by the D2. As RGAIN is typically a few kΩ the output voltage is therefore
limited to a few volts. An additional output clamping diode may be
required for higher gains. R1 is chosen to give a suitable bias current in
D1 for the given supply voltage range.
S+
ZXCT1107,
ZXCT1109
or
ZXCT1110
S-
RSENSE
200V to 450V
OUT
LOAD
GND
GND
LOW VOLTAGE
OUTPUT
C1
10pF
4.7k
12V
BAL99
2.2M
Q1
FMMT560
D1
D2
R1
RPROT
RGAIN
U1
Figure 5 400V Current Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com