Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1107Q Datasheet(PDF) 12 Page - Diodes Incorporated

Part # ZXCT1107Q
Description  AUTOMOTIVE COMPLIANT MICROPOWER CURRENT MONITOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1107Q Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button ZXCT1107Q Datasheet HTML 8Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 9Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 10Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 11Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 12Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 13Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 14Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 15Page - Diodes Incorporated ZXCT1107Q Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ZXCT1107Q/09Q/10Q
Document number: DS37002 Rev. 3 - 2
12 of 17
www.diodes.com
October 2018
© Diodes Incorporated
ZXCT1107Q/09Q/10Q
Application Information (Cont.)
Design Example
A current monitor is required to provide an output voltage of 2V ±6% when the load current of a 12V supply is 2A. Resistors are available with 1%
tolerance.
The sense and output resistors will contribute a total possible error of 2%, so the ZXCT11xxQ error must not exceed 4%. From Table 1, the error of
ZXCT1107Q/09Q will be 3.4% if the sense voltage is 100mV. This satisfies the total error requirement of 6%.
Equation 5 gives:
RSENSE = 100mV/2A = 50mΩ
Equation 6 gives:
1
.
0
*
004
.
0
2
RGAIN
= 5k
Ω
A suitable preferred value is 5.1k
Ω. This gives a systematic error of
+2%, which can be compensated elsewhere in the system if desired.
Figure 2 shows the resulting schematic.
S+
ZXCT1107
or
ZXCT1109
S-
50mΩ
VSUPPLY
OUT
LOAD
GND
5k1
OUTPUT
VOUT
ILOAD
Figure 2 Example Circuit using ZXCT1107Q/09Q
Alternatively, the ZXCT1110Q may be used with a reduced sense voltage if desired. From Equation 4,
with ε=4%,
8
.
1
082
.
0
VSENSE
= 0.082/(4-1.8) = 37.2mV
Equation 5 gives:
RSENSE = 37.2mV/2A = 18.6mΩ
A suitable preferred value is 20m
Ω. Then the sense voltage will be 2A * 20mΩ = 40mV.
Equation 6 gives:
04
.
0
*
004
.
0
2
RGAIN
= 12500
Ω
A suitable preferred value is 13k
Ω.
The alternative example circuit using the ZXCT1110Q with a sense
voltage of 40mV is shown in Figure 3, giving the required overall
accuracy of ±6%.
S+
ZXCT1110
S-
20mΩ
VSUPPLY
OUT
LOAD
GND
13k
GND
OUTPUT
VOUT
ILOAD
Figure 3 Example Circuit using ZXCT1110Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com