Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1002N Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1002N
Description  60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1002N Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1002N Datasheet HTML 1Page - IXYS Corporation CPC1002N Datasheet HTML 2Page - IXYS Corporation CPC1002N Datasheet HTML 3Page - IXYS Corporation CPC1002N Datasheet HTML 4Page - IXYS Corporation CPC1002N Datasheet HTML 5Page - IXYS Corporation CPC1002N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R07
CPC1002N
PERFORMANCE DATA*
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.
-40
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
-20
0
20
40
60
80
100
Typical Turn-On Time vs. Temperature
(I
F=3mA, IL=100mA)
Temperature (ºC)
-40
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
Typical Turn-Off Time vs. Temperature
(I
F=3mA, IL=100mA)
Temperature (ºC)
-40
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
Typical On-Resistance vs. Temperature
(I
L=100mA)
Temperature (ºC)
I
F=2mA
I
F=5mA
900
800
700
600
500
400
300
200
100
0
Typical Maximum Load Current
vs. Temperature
-40
-20
0
20
40
60
80
120
100
Temperature (ºC)
I
F=5mA
I
F=2mA
-40
76
74
72
70
68
66
64
62
-20
0
20
40
60
80
100
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical Leakage vs. Temperature
Measured Across Pins 3&4
(V
L=60V)
Time
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
10 s 100 s 1ms
100ms
1s
10ms
10s
100s
Energy Rating Curve
Load Voltage (V)
600
500
400
300
200
100
0
0
0.05
0.10
0.15
0.20
0.25
0.30
Typical Load Current vs. Load Voltage
(I
F=2mA)
LED Forward Current (mA)
0
5
1015202530354045
10
9
8
7
6
5
4
3
2
1
0
50
Typical Turn-On Time
vs. LED Forward Current
(I
L=100mA)
LED Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
Typical Turn-Off Time
vs. LED Forward Current
(I
L=100mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com