Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1002N Datasheet(PDF) 6 Page - IXYS Corporation

Part # CPC1002N
Description  60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1002N Datasheet(HTML) 6 Page - IXYS Corporation

  CPC1002N Datasheet HTML 1Page - IXYS Corporation CPC1002N Datasheet HTML 2Page - IXYS Corporation CPC1002N Datasheet HTML 3Page - IXYS Corporation CPC1002N Datasheet HTML 4Page - IXYS Corporation CPC1002N Datasheet HTML 5Page - IXYS Corporation CPC1002N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
IXYS Integrated Circuits makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes
to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in IXYS Integrated Circuits'
Standard Terms and Conditions of Sale, IXYS Integrated Circuits assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but
not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of IXYS Integrated Circuits' product may result in direct physical harm, injury, or death to a person or severe property
or environmental damage. IXYS Integrated Circuits reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-CPC1002N-R07
©Copyright 2018,
IXYS Integrated Circuits
OptoMOS® is a registered trademark of
IXYS Integrated Circuits
All rights reserved. Printed in USA.
6/1/2018
For additional information please visit our website at: www.ixysic.com
6
CPC1002N
MECHANICAL DIMENSIONS
Dimensions
mm
(inches)
NOTE: All dimensional tolerances per Standard EIA-481-2 except as noted
Embossment
Embossed
Carrier
330.2 Dia
(13.00 Dia)
Top Cover
Tape Thickness
0.102 Max
(0.004 Max)
User Direction of Feed
User Direction of Feed
K
0=2.70
(0.106)
K
1=2.30
(0.091)
B
0=4.70
(0.185)
W=12.00
(0.472)
P1=8.00
(0.315)
A
0=6.50
(0.256)
CPC1002N
CPC1002NTR Tape & Reel
Recommended PCB Land Pattern
2.54
(0.10)
3.85
(0.152)
1.54
(0.061)
0.60
(0.024)
Dimensions
mm
(inches)
Pin 1
4.089
± 0.025
(0.161
± 0.001)
2.54 Typ
(0.100 Typ)
6.096
± 0.102
(0.240
± 0.004)
3.810
± 0.025
(0.150
± 0.001)
0.559
± 0.127
(0.022
± 0.005)
0.910
± 0.025
(0.036
± 0.001)
2.030
± 0.025
(0.080
± 0.001)
0.381
± 0.025
(0.015
± 0.001)
Package standoff:
0.064 ± 0.040
(0.0025 ± 0.0015)
0-0.1
(0-0.004)
0.481
(0.019)
0.203 ± 0.025
(0.008 ± 0.001)
Note:
1. Lead dimensions do not include plating: 1000 microinches max.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com