Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1002N Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1002N
Description  60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1002N Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1002N Datasheet HTML 1Page - IXYS Corporation CPC1002N Datasheet HTML 2Page - IXYS Corporation CPC1002N Datasheet HTML 3Page - IXYS Corporation CPC1002N Datasheet HTML 4Page - IXYS Corporation CPC1002N Datasheet HTML 5Page - IXYS Corporation CPC1002N Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1002N-R07
1
CPC1002N
60V Normally-Open Single-Pole
4-Pin SOP OptoMOS® Relay
Part #
Description
CPC1002N
4-Pin SOP (100/tube)
CPC1002NTR
4-Pin SOP (2000/reel)
Parameter
Rating
Units
Blocking Voltage
60
V
P
Load Current
700
mA
DC
On-Resistance (max)
0.55
LED Current to operate
2
mA
Applications
Features
Description
Ordering Information
Pin Configuration
• Security
• Passive Infrared Detectors (PIR)
• Data Signalling
• Sensor Circuitry
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Aerospace
• Industrial Controls
• Designed for use in Security Systems Complying
with EN50130-4
• Only 2mA of LED Current Required to Operate
• Small 4-Pin SOP Package
• 100% Solid State
• High Reliability
• Arc-Free With No Snubbing Circuits
• 1500V
rms Input/Output Isolation
• No EMI/RFI Generation
• Immune to Radiated EM Fields
• Tape & Reel Version Available
• Flammability Rating UL 94 V-0
The CPC1002N is a miniature, normally-open
(1-Form-A) DC solid state relay in a 4-pin SOP
package that employs optically coupled MOSFET
technology to provide 1500V
rms of input to output
isolation. The super-efficient MOSFET switches and
photovoltaic die use IXYS Integrated Circuits' patented
OptoMOS architecture. The optically coupled output is
controlled by the input's highly efficient infrared LED.
The CPC1002N uses IXYS Integrated Circuits' state of
the art double-molded vertical construction packaging
to produce one of the world’s smallest relays. The
CPC1002N offers board space savings of at least 20%
over the competitor’s larger 4-pin SOP relay.
1
2
3
4
+ Control
– Control
DC +
DC -
Switching Characteristics
of Normally-Open Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
Approvals
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1172007
• EN/IEC 60950-1 Certified Component:
Certificate available on our website


Similar Part No. - CPC1002N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1002N CLARE-CPC1002N Datasheet
230Kb / 3P
4-Pin SOP OptoMOS Relay
CPC1002N CLARE-CPC1002N Datasheet
111Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1002NTR CLARE-CPC1002NTR Datasheet
230Kb / 3P
4-Pin SOP OptoMOS Relay
CPC1002NTR CLARE-CPC1002NTR Datasheet
111Kb / 5P
4-Pin SOP OptoMOS짰 Relay
CPC1002N CLARE-CPC1002N_1 Datasheet
111Kb / 5P
4-Pin SOP OptoMOS짰 Relay
More results

Similar Description - CPC1002N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1006N IXYS-CPC1006N Datasheet
167Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1008N IXYS-CPC1008N Datasheet
134Kb / 6P
Single-Pole, Normally Open 4-Pin SOP OptoMOS Relay
CPC1017N IXYS-CPC1017N Datasheet
137Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1018N IXYS-CPC1018N Datasheet
169Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1025N IXYS-CPC1025N Datasheet
167Kb / 6P
400V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1030N IXYS-CPC1030N Datasheet
176Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1035N IXYS-CPC1035N Datasheet
136Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1117N IXYS-CPC1117N Datasheet
172Kb / 6P
60V Normally-Closed Single-Pole 4-Pin SOP OptoMOS Relay
CPC1230N IXYS-CPC1230N Datasheet
167Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1019N IXYS-CPC1019N Datasheet
173Kb / 6P
60V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com