Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1117API Datasheet(PDF) 2 Page - AUK corp

Part # S1117API
Description  Adjustable and Fixed LDO Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S1117API Datasheet(HTML) 2 Page - AUK corp

  S1117API Datasheet HTML 1Page - AUK corp S1117API Datasheet HTML 2Page - AUK corp S1117API Datasheet HTML 3Page - AUK corp S1117API Datasheet HTML 4Page - AUK corp S1117API Datasheet HTML 5Page - AUK corp S1117API Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KSI-2068-002
2
S1117API/S1117-xxPI
Absolute Maximum Ratings
Ta=25
°C
Characteristic
Symbol
Rating
Unit
Input voltage
VI
16
V
Power Dissipation
PD
2.0
W
Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
-55 ~ 150
°C
Device Selection Guide (NOTE1)
Device
Output Voltage
S1117API
Adjustable
S1117-15PI
1.5V
S1117-18PI
1.8V
S1117-25PI
2.5V
S1117-285PI
2.85V
S1117-33PI
3.3V
S1117-50PI
5.0V
Note 1 : Other fixed versions are available VO=1.5V to 5V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com