Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1117API Datasheet(PDF) 3 Page - AUK corp

Part # S1117API
Description  Adjustable and Fixed LDO Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S1117API Datasheet(HTML) 3 Page - AUK corp

  S1117API Datasheet HTML 1Page - AUK corp S1117API Datasheet HTML 2Page - AUK corp S1117API Datasheet HTML 3Page - AUK corp S1117API Datasheet HTML 4Page - AUK corp S1117API Datasheet HTML 5Page - AUK corp S1117API Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KSI-2068-002
3
S1117API/S1117-xxPI
Electrical Characteristics
(Electrical Characteristics at TJ = 25℃ and VI=(VO+1.5V), IL=10 ㎃, CO=10 ㎌ unless otherwise specified.)
Characteristic
Symbol
Device
Test Condition
Min
Typ
Max
Unit
VI = (VO+1.5V),IO = 10 ㎃
1.225
1.275
S1117A
VI = (VO+1.5V) to 7V
IO = 0 to 1000 ㎃
*
1.200
1.25
1.300
VI = (VO+1.5V),IO = 10 ㎃
1.470
1.530
S1117-
15
VI = (VO+1.5V) to 7V
IO = 0 to 1000 ㎃
*
1.440
1.5
1.560
VI = (VO+1.5V),IO = 10 ㎃
1.764
1.836
S1117-
18
VI = (VO+1.5V) to 7V
IO = 0 to 1000 ㎃
*
1.728
1.8
1.872
VI = (VO+1.5V),IO = 10 ㎃
2.450
2.550
S1117-
25
VI = (VO+1.5V) to 7V
IO = 0 to 1000 ㎃
*
2.400
2.5
2.600
VI = (VO+1.5V),IO = 10 ㎃
2.793
2.907
S1117-
285
VI = (VO+1.5V) to 7V
IO = 0 to 1000 ㎃
*
2.736
2.85
2.964
VI = (VO+1.5V),IO = 10 ㎃
3.234
3.3
3.366
S1117-
33
VI = (VO+1.5V) to 7V
IO = 0 to 1000 ㎃
*
3.168
3.432
VI = (VO+1.5V),IO = 10 ㎃
4.900
5.0
5.100
Output Voltage
VO
S1117-
50
VI = (VO+1.5V) to 7V
IO = 0 to 1000 ㎃
*
4.800
5.200
V
Line Regulation
(Note2)
VO(△VI)
All
1.5V≤ VI-VO≤7V
IO=10 ㎃
-
5
10
Load Regulation
(Note2)
VO(△IL)
All
VI=(VO+1.5V)
IO=10 ㎃ ~ 1000 ㎃
-
10
30
Quiescent
Current
IQC
All
VI= VO + 1.5V
VADJ=0V
*
-
7
13
Minimum Load
Current
IL(MIN)
S1117A
VI=(VO+1.5V), VO=0V
*
3
7
Adjust Pin
Current
IADJ
S1117A
VI = (VO+1.5V) to 7V
IO = 10 ㎃
*
55
90
Dropout Voltage
(Note4)
VDROP
All
IO =1000 ㎃
*
-
1.2
1.3
V
Ripple Rejection
(Note3)
RR
All
VI-VO=1.5V, IO=1000 ㎃
VRipple=1VP-P , f=120 ㎐
60
72
-
Current Limit
ILIMIT
All
(VI-VO)=1.5V
*
1
A
The * denotes the specifications which apply over the full temperature range.
Note 2: Low duty pulse testing with Kelvin connections required.
Note 3: 120 ㎐ input ripple (CADJ for ADJ=25 ㎌)
Note 4:
V
O = 1%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com