Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1117API Datasheet(PDF) 4 Page - AUK corp

Part # S1117API
Description  Adjustable and Fixed LDO Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S1117API Datasheet(HTML) 4 Page - AUK corp

  S1117API Datasheet HTML 1Page - AUK corp S1117API Datasheet HTML 2Page - AUK corp S1117API Datasheet HTML 3Page - AUK corp S1117API Datasheet HTML 4Page - AUK corp S1117API Datasheet HTML 5Page - AUK corp S1117API Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KSI-2068-002
4
S1117API/S1117-xxPI
Typical Applications
C
V
R
S1117A
10
10
O
(Fixed Version)
Adj/GND
O
I
L
I
V
C
Fig. 1 Fixed Voltage Regulator
125Ω
(1)
225Ω
(1)
C
10
Adj
Vout=3.5V
S1117-xx
1
I
10
2
O
O
C
(Fixed Version)
V
I
R
V
R
VO=VADJ * (1 + R2/R1) + IADJ*R2
Fig. 2 Adjustable Voltage Regulator
Notes:
1) CI needed if device is far from filter capacitors
2) CO minimum value required for stability
IADJ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com