Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1590P Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1590P
Description  Optically Isolated Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1590P Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1590P Datasheet HTML 1Page - IXYS Corporation CPC1590P Datasheet HTML 2Page - IXYS Corporation CPC1590P Datasheet HTML 3Page - IXYS Corporation CPC1590P Datasheet HTML 4Page - IXYS Corporation CPC1590P Datasheet HTML 5Page - IXYS Corporation CPC1590P Datasheet HTML 6Page - IXYS Corporation CPC1590P Datasheet HTML 7Page - IXYS Corporation CPC1590P Datasheet HTML 8Page - IXYS Corporation CPC1590P Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1590
4
www.ixysic.com
R01
1.6 General Conditions
Unless otherwise specified, minimum and maximum values are guaranteed by production testing.
Typical values are characteristic of the device at 25°C and are the result of engineering evaluations. They are
provided for informational purposes only and are not part of the manufacturing testing requirements.
Unless otherwise noted, all electrical specifications are listed for TA=25°C.
1.7 Electrical Specifications
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Load Side Characteristics
Gate Voltage
IF=2.5mA
7.0
7.3
IF=5mA
7.5
8.0
12
IF=10mA
VGS
8.4
V
IF=2.5mA
4.2
-
14.4
-40°C<TA<110°C
Capacitor Voltage
10V<VDS<200V
VCAP
10
12.2
16
V
Gate Drive Capability
IF=2.5mA, VGS=0V, VCAP=15V
IG_source
23.3
7
IF=0mA, VGS=8V, VCAP=8V
4.0
9.0
14
mA
IF=0mA, VGS=4V, VCAP=4V
IG_sink
1.5
3.3
6
IF=0mA, VGS=2V, VCAP=2V
0.5
1.2
2
Turn-On Delay
VDS=48V, VGS=4V, CVG=4nF
IF=2.5mA
ton
40
140
s
IF=5mA
1
12
40
IF=10mA
5
20
Turn-Off Delay
VDS=48V, VGS=2V, CVG=4nF
IF=2.5mA
toff1
110
s
IF=5mA
40
125
400
IF=10mA
130
VDS=48V, VGS=1V, CVG=4nF
IF=2.5mA
toff2
200
IF=5mA
40
210
600
s
IF=10mA
220
Off-State Leakage Current
VDS=200V
IDS
--
1
A
LED Characteristics
Forward Voltage Drop
IF=5mA
VF
11.27
1.4
V
Input Dropout Current
VGS=1V
IF
0.2
0.75
1
mA
Reverse Bias Leakage Current
VR=5V
IR
--
10
A
Common Characteristics
Input to Output Capacitance
-
CI/O
-3
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com