Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1590P Datasheet(PDF) 6 Page - IXYS Corporation

Part # CPC1590P
Description  Optically Isolated Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1590P Datasheet(HTML) 6 Page - IXYS Corporation

Back Button CPC1590P Datasheet HTML 2Page - IXYS Corporation CPC1590P Datasheet HTML 3Page - IXYS Corporation CPC1590P Datasheet HTML 4Page - IXYS Corporation CPC1590P Datasheet HTML 5Page - IXYS Corporation CPC1590P Datasheet HTML 6Page - IXYS Corporation CPC1590P Datasheet HTML 7Page - IXYS Corporation CPC1590P Datasheet HTML 8Page - IXYS Corporation CPC1590P Datasheet HTML 9Page - IXYS Corporation CPC1590P Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1590
6
www.ixysic.com
R01
2. Introduction
The CPC1590 is a MOSFET Gate Driver that requires
no external power supply. It can regulate an input
voltage, up to 200V, down to 12.2V for internal use. It
is specifically designed for low-duty-cycle switching
frequencies that drive 4nF of gate capacitance.
3. Functional Description
The CPC1590 is used in conjunction with a single
MOSFET transistor for remote switching of DC loads
(Figure 2), and two MOSFETS and a diode for remote
switching of low-frequency AC loads (Figure 3) where
isolated power is unavailable.
The device uses external components, most notably a
charge storage capacitor, to satisfy design switching
and over-voltage protection requirements. Because of
this design flexibility, the designer may choose a great
number of MOSFETs for use in a wide variety of
applications. The designer simply needs to know the
MOSFET total gate charge (QG), and with this
information a capacitor can be chosen. The
capacitance of the storage capacitor should be greater
than, or equal to, QG/0.5V.
The CPC1590 has two states of operation:
(1) sufficient input control current is flowing, the LED is
turned on, and the gate current is being applied. The
light from the LED is being reflected onto the
photovoltaic, which then produces a photocurrent that
turns on the NPN bipolar transistor and provides the
charge (I x t = Q), or the gate current that is being
applied to turn on the MOSFET. (2) Sufficient input
control current is not flowing, the LED is turned off,
and gate current is not flowing. The LED is off
because VF << the minimum forward voltage required,
and not enough current is being applied. This turns on
the PNP bipolar transistor, providing a path for gate
current to discharge to VL2.
When VLOAD is first applied, the external storage
capacitor begins to charge. The charge is sent through
a bootstrap diode to prevent the charge from escaping
and discharging through a turned-on MOSFET. The
J-FET then regulates the voltage between 10V and
16V. The input control current is applied, then the
charge is transferred from the storage capacitor
through the NPN bipolar transistor, along with the
charge from the photovoltaic, to the MOSFET gate to
accomplish a rapid turn-on. After the capacitor has
discharged and the MOSFET has turned on, the
photocurrent from the input optocoupler continues to
flow into the gate to keep the MOSFET turned on.
When the input control current is removed, the gate
current stops flowing and the PNP bipolar transistor is
on and is discharging the MOSFET gate. The
MOSFET is now off. At this point the capacitor begins
to recharge for the next turn on cycle.
The circuit below does not include over-voltage
protection.
Figure 2. CPC1590 DC Application Circuit
2
3
1
4
NC
NC
8
5
6
7
CPC1590
LED +
LED -
CAP
+V
LOAD
G
-V
LOAD
C
ST
LOAD
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com