Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1590P Datasheet(PDF) 7 Page - IXYS Corporation

Part # CPC1590P
Description  Optically Isolated Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1590P Datasheet(HTML) 7 Page - IXYS Corporation

Back Button CPC1590P Datasheet HTML 2Page - IXYS Corporation CPC1590P Datasheet HTML 3Page - IXYS Corporation CPC1590P Datasheet HTML 4Page - IXYS Corporation CPC1590P Datasheet HTML 5Page - IXYS Corporation CPC1590P Datasheet HTML 6Page - IXYS Corporation CPC1590P Datasheet HTML 7Page - IXYS Corporation CPC1590P Datasheet HTML 8Page - IXYS Corporation CPC1590P Datasheet HTML 9Page - IXYS Corporation CPC1590P Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1590
R01
www.ixysic.com
7
4. Device Configuration
4.1 LED resistor
The input resistor is required to limit LED current to a
value set by Recommended Operating Conditions in
“Recommended Operating Conditions” on page 3. In some
cases, higher LED operating current would improve
driver speed; however, this higher current could also
reduce LED lifespan, which would cause reliability
issues.
The general equation used to calculate the resistor
value is:
• I
F = Input Control Current
• V
OL = Low-level output of the driving logic gate or the
collector-emitter voltage of the driving logic transis-
tor. (This parameter is provided in the manufacturer’s
data sheet.)
• V
IN = Input Power Source
• V
F = Forward Voltage Drop of LED
• R
LED = Input Resistor
When calculating the resistor value, the designer
should take into consideration power-supply
variations, which can range about ±10%, temperature
variations from -40°C to +85°C, LED forward voltage
drop over the temperature range, and the resistor’s
tolerance and temperature stability rating.
When the LED resistor value is selected by the above
formula, the RLED power dissipation, PD, can be
obtained from the following equation:
With power dissipation calculated, it is now possible to
select an appropriate resistor size that can be used in
the particular application circuit. It is recommended
that a resistor with at least twice the calculated power
rating should be selected.
4.2 Storage Capacitor
The storage capacitor (CST) enables the gate driver to
turn on a power MOSFET faster by delivering a
reservoir of charge to the gate. Selection of the
storage capacitor is given by the following equation:
This equation shows that the storage capacitor needs
to deliver enough charge to the gate while only
dropping 0.5V. The CPC1590 can deliver 32nC of
charge at rated operating speed, and will operate with
much larger loads, >4nF, with slower turn-on and
turn-off times.
The CPC1590 has an internal J-FET, which is used to
regulate the voltage applied to the storage capacitor.
The voltage applied to the storage capacitor will be
2
3
1
4
NC
NC
8
5
6
7
CPC1590
CAP
+V
LOAD
G
-V
LOAD
C
ST
A
B
R
LED
V
IN
LOAD
RLED =
VIN - (VF + VOL)
IF
PD = IF
2 • R
LED
CST > QG / 0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com