Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX6119 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX6119
Description  36-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX6119 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMUX6119 Datasheet HTML 12Page - Texas Instruments TMUX6119 Datasheet HTML 13Page - Texas Instruments TMUX6119 Datasheet HTML 14Page - Texas Instruments TMUX6119 Datasheet HTML 15Page - Texas Instruments TMUX6119 Datasheet HTML 16Page - Texas Instruments TMUX6119 Datasheet HTML 17Page - Texas Instruments TMUX6119 Datasheet HTML 18Page - Texas Instruments TMUX6119 Datasheet HTML 19Page - Texas Instruments TMUX6119 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16
TMUX6119
SCDS384 – SEPTEMBER 2018
www.ti.com
Product Folder Links: TMUX6119
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
The TMUX6119 utilizes special charge-injection cancellation circuitry that reduces the source (SA or SB)-to-drain
(D) charge injection to as low as 0.2 pC at VS = 0 V, as shown in Figure 14.
Figure 14. Source-to-Drain Charge Injection vs Source or Drain Voltage
The drain (D)-to-source (SA or SB) charge injection becomes important when the device is used as a
demultiplexer (demux), where D becomes the input and Sx becomes the output. Figure 15shows the drain-to-
source charge injection across the full signal range.
Figure 15. Drain-to-Source Charge Injection vs Source or Drain Voltage
8.3.3 Bidirectional and Rail-to-Rail Operation
The TMUX6119 conducts equally well from source (SA or SB) to drain (D) or from drain (D) to source (SA or
SB). Each TMUX6119 channel has very similar characteristics in both directions. The valid analog signal for
TMUX6119 ranges from VSS to VDD. The input signal to the TMUX6119 swings from VSS to VDD without any
significant degradation in performance.
8.4 Device Functional Modes
When the EN pin of the TMUX6119 is pulled high, one of the two switches is closed based on the state of the IN
pin. When the EN pin is pulled low, both switches remain open irrespective of the state of the IN pin. The EN pin
is weakly pull-down internally through a 6M
Ω resistor, thereby setting each channel to the open state if the EN
pin is not actively driven. The IN pin is also weakly pulled-down through an internal 6Mohm resistor, allowing
channel A (SA to D) to be selected by default when EN pin is driven high. Both the EN pin and the IN pin can be
connected to VDD (as high as 16.5 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com