Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX6119 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX6119
Description  36-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX6119 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX6119 Datasheet HTML 9Page - Texas Instruments TMUX6119 Datasheet HTML 10Page - Texas Instruments TMUX6119 Datasheet HTML 11Page - Texas Instruments TMUX6119 Datasheet HTML 12Page - Texas Instruments TMUX6119 Datasheet HTML 13Page - Texas Instruments TMUX6119 Datasheet HTML 14Page - Texas Instruments TMUX6119 Datasheet HTML 15Page - Texas Instruments TMUX6119 Datasheet HTML 16Page - Texas Instruments TMUX6119 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
2
1
V
Attenuation
20 Log
V
§
·
˜
¨
¸
©
¹
VDD
VDD
VSS
VSS
SEL
GND
VSEL
SA
D
SB
VS
50
Ÿ
Network Analyzer
VOUT
NC
OUT
S
V
Channel-to-Channel Crosstalk
20 Log
V
§
·
˜
¨
¸
©
¹
VDD
VDD
VSS
VSS
50
Ÿ
SEL
GND
VSEL
SA
D
SB
VS
50
Ÿ
Network Analyzer
VOUT
13
TMUX6119
www.ti.com
SCDS384 – SEPTEMBER 2018
Product Folder Links: TMUX6119
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Overview (continued)
8.1.9 Channel-to-Channel Crosstalk
Channel-to-channel crosstalk is defined as the voltage at the source pin (SA or SB) of an off-channel, when a 1-
VRMS signal is applied at the source pin of an on-channel. Figure 9 shows the setup used to measure, and
Equation 3 is the equation used to compute, channel-to-channel crosstalk.
Figure 9. Channel-to-Channel Crosstalk Measurement Setup
(3)
8.1.10 Bandwidth
Bandwidth is defined as the range of frequencies that are attenuated by < 3 dB when the input is applied to the
source pin of an on-channel, and the output is measured at the drain pin of the TMUX6119. Figure 10 shows the
setup used to measure bandwidth of the mux. Use Equation 4 to compute the attenuation.
Figure 10. Bandwidth Measurement Setup
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com