Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX6119 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX6119
Description  36-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX6119 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX6119 Datasheet HTML 1Page - Texas Instruments TMUX6119 Datasheet HTML 2Page - Texas Instruments TMUX6119 Datasheet HTML 3Page - Texas Instruments TMUX6119 Datasheet HTML 4Page - Texas Instruments TMUX6119 Datasheet HTML 5Page - Texas Instruments TMUX6119 Datasheet HTML 6Page - Texas Instruments TMUX6119 Datasheet HTML 7Page - Texas Instruments TMUX6119 Datasheet HTML 8Page - Texas Instruments TMUX6119 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
TMUX6119
SCDS384 – SEPTEMBER 2018
www.ti.com
Product Folder Links: TMUX6119
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Thermal Information .................................................. 4
6.4
Recommended Operating Conditions ....................... 4
6.5
Electrical Characteristics (Dual Supplies: ±15 V) ..... 5
6.6
Switching Characteristics (Dual Supplies: ±15 V)..... 6
6.7
Electrical Characteristics (Single Supply: 12 V)........ 6
6.8
Switching Characteristics (Single Supply: 12 V) ....... 7
7
Parameter Measurement Information .................. 8
7.1
Truth Tables .............................................................. 8
8
Detailed Description .............................................. 9
8.1
Overview ................................................................... 9
8.2
Functional Block Diagram ....................................... 14
8.3
Feature Description................................................. 14
8.4
Device Functional Modes........................................ 16
9
Application and Implementation ........................ 17
9.1
Application Information............................................ 17
9.2
Typical Application ................................................. 17
10
Power Supply Recommendations ..................... 18
11
Layout................................................................... 19
11.1
Layout Guidelines ................................................. 19
11.2
Layout Example .................................................... 19
12
Device and Documentation Support ................. 20
12.1
Documentation Support ........................................ 20
12.2
Receiving Notification of Documentation Updates 20
12.3
Community Resources.......................................... 20
12.4
Trademarks ........................................................... 20
12.5
Electrostatic Discharge Caution ............................ 20
12.6
Glossary ................................................................ 20
13
Mechanical, Packaging, and Orderable
Information ........................................................... 20
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
September 2018
*
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com