Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM8713 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TM8713
Description  4 Bit Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TM8713 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TM8713 Datasheet HTML 1Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 2Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 3Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 4Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 5Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 6Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 7Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 8Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TM8713
tenx technology, inc.
Rev.1.4
2001/9/4
2
ELC, ELP (Muxed with SEG28, SEG29).
9.
Built in Alarm, clock or single tone melody generator.
BZB, BZ (Muxed with SEG30, SEG31).
10. Built in key matrix scanning function.
K1~K12 (Shared with SEG1~SEG12).
KI1~KI4 (Muxed with SEG32~SEG35).
11. One 6-bit programmable timer with programmable clock source.
12. Watch dog timer.
13. Built-in Voltage doubler, halver, tripler charge pump circuit.
14. Dual clock operation.
slow clock oscillation can be defined as X’tal or external RC type oscillator by mask
option.
fast clock oscillation can be defined as internal R or external R type oscillator by
mask option.
15. HALT function.
16. STOP function.
BLOCK DIAGRAM
OSCILLATOR
CONTROL
CIRCUIT
11 BITS PROGRAM
COUNTER
PROGRAM ROM
128N X 16 BITS
DATA RAM
96 X 4 BITS
8 LEVELS
STACK
6 BITS PRESET
TIMER 1
PRE-DIVIDER
INSTRUCTION
DECODER
ALU
TABLE ROM
256(12-N) X 8 BITS
FREQUENCY
GENERATOR
B-PORT
EL DRIVER
ALARM
A-PORT
C-PORT
KEY-IN
SEGMENT PLA
LCD DRIVER
VDD1-3
COM1-5
SEG1-12,21-35
C1-4
A1-4
B1-4
XTIN,OUT
CUP1,2
RESET
INT
4 BITS DATA BUS
N:1->12
N:1->12
N:1->12
N:1->12
ELC,ELP
BZ,BZB
KI1~KI4
K1~K12



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com