Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM8713 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TM8713
Description  4 Bit Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TM8713 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TM8713 Datasheet HTML 1Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 2Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 3Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 4Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 5Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 6Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 7Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 8Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TM8713
tenx technology, inc.
Rev.1.4
2001/9/4
5
ABSOLOUTE MAXIMUM RATINGS
(GND= 0V)
Name
Symbol
Range
Unit
VDD1
-0.3 to 5.5
V
VDD2
-0.3 to 5.5
V
Maximum Supply Voltage
VDD3
-0.3 to 8.5
V
Maximum Input Voltage
Vin
-0.3 to VDD1/2+0.3
V
Vout1
-0.3 to VDD1/2+0.3
V
Maximum output Voltage
Vout2
-0.3 to VDD3+0.3
V
Maximum Operating Temperature
Topg
-20 to +70
℃
Maximum Storage Temperature
Tstg
-25 to +125
℃
POWER CONSUMPTION
at Ta=-20℃ to 70℃,GND= 0V
Name
Sym.
Condition
Min.
Typ.
Max.
Unit
IHALT1 Only 32.768KHz Crystal oscillator operating,
without loading.
Ag mode, VDD1=1.5V, BCF = 0
2
uA
HALT mode
IHALT2 Only 32.768KHz Crystal oscillator operating,
without loading.
Li mode, VDD2=3.0V, BCF = 0
2
uA
STOP mode
ISTOP
1
uA
Note : When RC oscillator function is operating, the current consumption will depend on the frequency of
oscillation.
INTERNAL RC FREQUENCY RANGE
Option Mode
BAK
Min.
Typ.
Max.
1.2V~1.5V
300KHz
350KHz
400KHz
250KHz
2.4V~5.0V
200KHz
250KHz
300KHz
1.2V~1.5V
550KHz
650KHz
750KHz
500KHz
2.4V~5.0V
400KHz
500KHz
600KHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com