Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM8713 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TM8713
Description  4 Bit Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TM8713 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TM8713 Datasheet HTML 1Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 2Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 3Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 4Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 5Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 6Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 7Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 8Page - List of Unclassifed Manufacturers TM8713 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TM8713
tenx technology, inc.
Rev.1.4
2001/9/4
4
PIN DESCRIPTION
Name
I/O
Description
BAK
P
Power Back-up pin(+).
. At Li Mode, connect a 0.1u capacitor to GND.
VDD1,2,3
P
LCD supply voltage and positive supply pins.
. In Ag power mode, connect positive power to VDD1.
. In Li or ExtV power mode, connect positive power to VDD2.
RESET
I
Input pin for external reset request signal, built-in internal pull-down resistor.
. Reset cycle time can be defined as “PH15/2” or “PH12/2” by mask option.
. Reset Type can be defined as “Level reset” or “Pulse reset” by mask option.
INT
I
Input pin for external interrupt request signal.
. Falling edge or rising edge triggered is defined by mask option.
. Internal pull-down or pull-up resistor is defined by mask option.
TESTA
I
Test signal input pin.
CUP1,2
O
Switching pins for supply the LCD driving voltage to the VDD1,2,3 pins.
. Connect the CUP1 and CUP2 pins with non-polarized electrolytic capacitor when chip
operated in 1/2 or 1/3 bias mode.
. In no BIAS mode application, leave these pins opened
XIN
XOUT
I
O
Time base counter frequency (clock specified. LCD alternating frequency. Alarm signal
frequency) or system clock oscillation.
. 32KHz Crystal oscillator.
. In FAST ONLY mode option, connect an external resistor could compose a RC
oscillator.
COM1~5
O
Output pins for driving the common pins of the LCD or LED panel.
SEG1-12,21-
35
O
Output pins for driving the LCD or LED panel segment.
IOA1-4
I/O
Input / Output port A.
IOB1-4
I/O
Input / Output port B.
IOC1-4
I/O
Input / Output port C.
ELC/ELP
O
Output port for EL driver.
BZB/BZ
O
Output port for alarm, clock or single tone melody generator
K1~16
O
Output port for key matrix scanning.(Shared with SEG1~SEG16)
KI1~4
I
Input port for key matrix.
GND
P
Negative supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com