Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4994IST Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS4994IST
Description  1W Differential Input/Output Audio Power Amplifier with Selectable Standby
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4994IST Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS4994IST Datasheet HTML 16Page - STMicroelectronics TS4994IST Datasheet HTML 17Page - STMicroelectronics TS4994IST Datasheet HTML 18Page - STMicroelectronics TS4994IST Datasheet HTML 19Page - STMicroelectronics TS4994IST Datasheet HTML 20Page - STMicroelectronics TS4994IST Datasheet HTML 21Page - STMicroelectronics TS4994IST Datasheet HTML 22Page - STMicroelectronics TS4994IST Datasheet HTML 23Page - STMicroelectronics TS4994IST Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
TS4994
Application Information
20/31
and the result of the calculation must be in the range:
If the result of VICM calculation is not in the previous range, an input coupling capacitor must be used.
Example: With Vcc=2.5V, Rin=Rfeed=20k and VIC=2V, we found VICM=1.63V. This is higher than 2.5V-
0.9V=1.6V, so input coupling capacitors are required or you will have to change the VIC value.
4.4 Low and high frequency response
In the low frequency region, Cin starts to have an effect. Cin forms, with Rin, a high-pass filter with a -3dB
cut-off frequency. FCL is in Hz.
In the high-frequency region, you can limit the bandwidth by adding a capacitor (Cfeed) in parallel with
Rfeed. It forms a low-pass filter with a -3dB cut-off frequency. FCH is in Hz.
While these bandwidth limitations are in theory attractive, in practice, because of low performance in
terms of capacitor precision (and by consequence in terms of mismatching), they deteriorate the values of
PSRR and CMRR.
We will discuss the influence of mismatching on PSRR and CMRR performance in more detail in the
following paragraphs.
Example: A typical application with input coupling and feedback capacitor with FCL=50Hz and
FCH=8kHz. We assume that the mismatching between Rin1,2 and Cfeed1,2 can be neglected. If we sweep
the frequency from DC to 20kHz we observe the following with respect to the PSRR value:
l From DC to 200Hz, the Cin impedance decreases from infinite to a finite value and the Cfeed
impedance is high enough to be neglected. Due to the tolerance of Cin1,2, we must introduce a
mismatch factor (Rin1 xCin ≠ Rin2 xCin2) that will decrease the PSRR performance.
l From 200Hz to 5kHz, the Cin impedance is low enough to be neglected when compare to Rin, and
the Cfeed impedance is high enough to be neglected as well. In this range, we can reach the PSRR
performance of the TS4994 itself.
l From 5kHz to 20kHz, the Cin impedance is low to be neglected when compared to Rin, and the Cfeed
impedance decreases to a finite value. Due to tolerance of Cfeed1,2, we introduce a mismatching
factor (Rfeed1 xCfeed1 ≠ Rfeed2 xCfeed2) that will decrease the PSRR performance.
V
9
.
0
Vcc
V
V
6
.
0
M
IC
−
≤
≤
)
Hz
(
C
R
2
1
F
in
in
CL
×
×
π
×
=
)
Hz
(
C
R
2
1
F
feed
feed
CH
×
×
π
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com