Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4994IST Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS4994IST
Description  1W Differential Input/Output Audio Power Amplifier with Selectable Standby
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4994IST Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS4994IST Datasheet HTML 19Page - STMicroelectronics TS4994IST Datasheet HTML 20Page - STMicroelectronics TS4994IST Datasheet HTML 21Page - STMicroelectronics TS4994IST Datasheet HTML 22Page - STMicroelectronics TS4994IST Datasheet HTML 23Page - STMicroelectronics TS4994IST Datasheet HTML 24Page - STMicroelectronics TS4994IST Datasheet HTML 25Page - STMicroelectronics TS4994IST Datasheet HTML 26Page - STMicroelectronics TS4994IST Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Application Information
TS4994
23/31
With
∆R=1%, the minimum CMRR would be -53dB that give Voo=5.6mV and an maximum extra
consumption less than 700
µA.
This example is of a worst case scenario where each resistor has extreme tolerance and illustrates the
fact that for CMRR, good matching is essential.
As with the PSRR, due to self-generated noise, the TS4994 CMRR limitation would be about -110dB.
Figures 75 and 76 show CMRR versus frequency and versus bypass capacitor Cb in worst-case condition
(
∆R=0.1%).
Figure 75. CMRR vs. frequency worst case
condition
Figure 76. CMRR vs. frequency worst case
condition
Figures 77 and 78 show CMRR versus frequency for a typical application with four 0.1% tolerances and
a random choice for them.
Figure 77. CMRR vs. frequency with random
choice condition
Figure 78. CMRR vs. frequency with random
choice condition
100
1000
10000
-60
-50
-40
-30
-20
-10
0
Cb=1
µF
Cb=0
20k
20
Vcc = 5V
Vic = 200mVpp
Av = 1, Cin = 470
µF
∆R/R = 0.1%, RL ≥ 8Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-60
-50
-40
-30
-20
-10
0
Cb=1
µF
Cb=0
20k
20
Vcc = 2.5V
Vic = 200mVpp
Av = 1, Cin = 470
µF
∆R/R = 0.1%, RL ≥ 8Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Cb=1
µF
Cb=0
20k
20
Vcc = 5V
Vic = 200mVpp
Av = 1, Cin = 470
µF
∆R/R ≤ 0.1%, RL ≥ 8Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Cb=1
µF
Cb=0
20k
20
Vcc = 2.5V
Vic = 200mVpp
Av = 1, Cin = 470
µF
∆R/R ≤ 0.1%, RL ≥ 8Ω
Tamb = 25
°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com