Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4994IST Datasheet(PDF) 25 Page - STMicroelectronics

Part # TS4994IST
Description  1W Differential Input/Output Audio Power Amplifier with Selectable Standby
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4994IST Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TS4994IST Datasheet HTML 21Page - STMicroelectronics TS4994IST Datasheet HTML 22Page - STMicroelectronics TS4994IST Datasheet HTML 23Page - STMicroelectronics TS4994IST Datasheet HTML 24Page - STMicroelectronics TS4994IST Datasheet HTML 25Page - STMicroelectronics TS4994IST Datasheet HTML 26Page - STMicroelectronics TS4994IST Datasheet HTML 27Page - STMicroelectronics TS4994IST Datasheet HTML 28Page - STMicroelectronics TS4994IST Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
Application Information
TS4994
25/31
The maximum die temperature allowable for the TS4994 is 125°C. However, in case of overheating, a
thermal shutdown set to 150°C, puts the TS4994 in standby until the temperature of the die is reduced by
about 5°C.
To calculate the maximum ambient temperature TAMB allowable, we need to know:
l Power supply Voltage value, Vcc
l Load resistor value, RL
l The package type, RTHJA
Example: Vcc=5V, RL=8
Ω, RTHJAFlip-Chip=100°C/W (100mm2 copper heatsink).
We calculate Pdissmax = 633mW.
With
TAMB = 125-100x0.633=61.7°C
4.7 Decoupling of the circuit
Two capacitors are needed to correctly bypass the TS4994. A power supply bypass capacitor CS and a
bias voltage bypass capacitor CB.
CS has particular influence on the THD+N in the high frequency region (above 7kHz) and an indirect
influence on power supply disturbances. With a value for CS of 1µF, you can expect similar THD+N
performances to those shown in the datasheet.
In the high frequency region, if CS is lower than 1µF, it increases THD+N and disturbances on the power
supply rail are less filtered.
On the other hand, if CS is higher than 1µF, those disturbances on the power supply rail are more filtered.
Cb has an influence on THD+N at lower frequencies, but its function is critical to the final result of PSRR
(with input grounded and in the lower frequency region).
4.8 Wake-up Time: TWU
When the standby is released to put the device ON, the bypass capacitor Cb will not be charged
immediately. As Cb is directly linked to the bias of the amplifier, the bias will not work properly until the Cb
voltage is correct. The time to reach this voltage is called the wake-up time or TWU and is specified in the
tables found in Electrical Characteristics on page 4, with Cb=1µF. During the wake-up time phase, the
TS4994 gain is close to zero. After the wake-up time period, the gain is released and set to its nominal
value.
If Cb has a value other than 1µF, please refer to the graph in Figure 69 on page 18 to establish the wake-
up time value.
4.9 Shutdown time
When the standby command is set, the time required to put the two output stages in high impedance and
the internal circuitry in shutdown mode is a few microseconds.
Note:
In shutdown mode, Bypass pin and Vin+, Vin- pins are short-circuited to ground by internal switches. This allows
a quick discharge of Cb and Cin capacitors.
)
C
(
P
RTH
C
125
T
diss
JA
AMB
°
×
−
°
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com