Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8431-21 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS8431-21
Description  350MHZ, LOW JITTER, CRYSTAL OSCILLATOR-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8431-21 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS8431-21 Datasheet HTML 6Page - Integrated Circuit Systems ICS8431-21 Datasheet HTML 7Page - Integrated Circuit Systems ICS8431-21 Datasheet HTML 8Page - Integrated Circuit Systems ICS8431-21 Datasheet HTML 9Page - Integrated Circuit Systems ICS8431-21 Datasheet HTML 10Page - Integrated Circuit Systems ICS8431-21 Datasheet HTML 11Page - Integrated Circuit Systems ICS8431-21 Datasheet HTML 12Page - Integrated Circuit Systems ICS8431-21 Datasheet HTML 13Page - Integrated Circuit Systems ICS8431-21 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
8431AM-21
www.icst.com/products/hiperclocks.html
REV. A APRIL 27, 2005
10
Integrated
Circuit
Systems, Inc.
ICS8431-21
350MHZ, LOW JITTER, CRYSTAL OSCILLATOR-
TO
-3.3V LVPECL FREQUENCY SYNTHESIZER
The schematic of the ICS8431-21 layout example used in this
layout guideline is shown in
Figure 5A. The ICS8431-21 rec-
ommended PCB board layout for this example is shown in
LAYOUT GUIDELINE
Figure 5B. This layout example is used as a general guideline.
The layout in the actual system will depend on the selected
component types and the density of the P.C. board.
FIGURE 5A. SCHEMATIC EXAMPLE
C4
10uF
U1
ICS8431-21
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
28
27
26
25
M0
M1
M2
M3
M4
M5
M6
M7
M8
SSC_CTL0
SSC_CTL1
VEE
TEST_IO
VCC
VEE
nFOUT
FOUT
VCCO
DIV_SEL
MR
VEE
VCCA
NC
NC
nP_LOAD
VCC
XTAL_IN
XTAL_OUT
R5
10
C6
0.01uF
C3
0.01uF
R3
125
C7
22pF
VCC
VCC
Zo = 50 Ohm
C2
0.1uF
RD2
1K
R4
84
To Logic
Input
pins
To Logic
Input
pins
RU1
1K
RD1
SP
Logic Input Pin Examples
VCC=3.3V
VCC
Zo = 50 Ohm
C8
22pF
Set Logic
Input to
'0'
RU2
SP
R1
125
X1
VCC
VCCA
Set Logic
Input to
'1'
C1
0.1uF
+
-
VCC
SP=Spare, not installed
VCC
R2
84
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com