Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8431-21 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8431-21
Description  350MHZ, LOW JITTER, CRYSTAL OSCILLATOR-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8431-21 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8431-21 Datasheet HTML 1Page - Integrated Circuit Systems ICS8431-21 Datasheet HTML 2Page - Integrated Circuit Systems ICS8431-21 Datasheet HTML 3Page - Integrated Circuit Systems ICS8431-21 Datasheet HTML 4Page - Integrated Circuit Systems ICS8431-21 Datasheet HTML 5Page - Integrated Circuit Systems ICS8431-21 Datasheet HTML 6Page - Integrated Circuit Systems ICS8431-21 Datasheet HTML 7Page - Integrated Circuit Systems ICS8431-21 Datasheet HTML 8Page - Integrated Circuit Systems ICS8431-21 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
8431AM-21
www.icst.com/products/hiperclocks.html
REV. A APRIL 27, 2005
1
Integrated
Circuit
Systems, Inc.
ICS8431-21
350MHZ, LOW JITTER, CRYSTAL OSCILLATOR-
TO
-3.3V LVPECL FREQUENCY SYNTHESIZER
GENERAL DESCRIPTION
The ICS8431-21 is a general purpose clock fre-
quency synthesizer for IA64/32 application and a
member of the HiPerClockS™ family of High Per-
formance Clock Solutions from ICS. The VCO op-
erates at a frequency range of 250MHz to 700MHz
providing an output frequency range of 62.5MHz to 350MHz.
The output frequency can be programmed using the parallel in-
terface, M0 through M8 to the configuration logic, and the output
divider control pin, DIV_SEL. Spread spectrum clocking is pro-
grammed via the control inputs SSC_CTL0 and SSC_CTL1.
Programmable features of the ICS8431-21 support four op-
erational modes. The four modes are spread spectrum clock-
ing (SSC), non-spread spectrum clock and two test modes
which are controlled by the SSC_CTL[1:0] pins. Unlike other
synthesizers, the ICS8431-21 can immediately change
spread-spectrum operation without having to reset the device.
In SSC mode, the output clock is modulated in order to achieve
a reduction in EMI. In one of the PLL bypass test modes, the
PLL is disconnected as the source to the differential output
allowing an external source to be connected to the TEST_I/O
pin. This is useful for in-circuit testing and allows the differen-
tial output to be driven at a lower frequency throughout the
system clock tree. In the other PLL bypass mode, the oscilla-
tor divider is used as the source to both the M and the Fout
divide by 2. This is useful for characterizing the oscillator and
internal dividers.
XTAL_IN
XTAL_OUT
M0:M8
PLL
FOUT
nFOUT
÷ 16
TEST_I/O
OSC
VCO
÷2
÷4
PHASE
DETECTOR
÷ M
SSC
Control
Logic
Configuration
Logic
nP_LOAD
SSC_CTL0
FEATURES
• Fully integrated PLL
• Differential 3.3V LVPECL output
• Crystal oscillator interface
• Output frequency range: 62.5MHz to 350MHz
• Crystal input frequency range: 14MHz to 25MHz
• VCO range: 250MHz to 700MHz
• Programmable PLL loop divider for generating a variety
of output frequencies
• Spread Spectrum Clocking (SSC) fixed at 1/2% modulation
for environments requiring ultra low EMI
• PLL bypass modes supporting in-circuit testing and on-chip
functional block characterization
• Cycle-to-cycle jitter: 30ps (maximum)
• 3.3V supply voltage
• 0°C to 85°C ambient operating temperature
• Replaces ICS8431-01 and ICS8431-11
• Lead-Free package fully RoHS compliant
BLOCK DIAGRAM
PIN ASSIGNMENT
SSC_CTL1
M0
M1
M2
M3
M4
M5
M6
M7
M8
SSC_CTL0
SSC_CTL1
VEE
TEST_I/O
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
nP_LOAD
VCC
XTAL_IN
XTAL_OUT
nc
nc
VCCA
VEE
MR
DIV_SEL
VCCO
FOUT
nFOUT
VEE
ICS8431-21
28-Lead SOIC
7.5mm x 18.05mm x 2.25mm package body
M Package
Top View
DIV_SEL
HiPerClockS™
ICS


Similar Part No. - ICS8431-21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8431-01 ICST-ICS8431-01 Datasheet
2Mb / 11P
200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
REV. A JUNE 5, 2001
ICS8431-11 ICST-ICS8431-11 Datasheet
2Mb / 13P
255MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
REV. A JULY 11, 2001
More results

Similar Description - ICS8431-21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84329 ICST-ICS84329 Datasheet
279Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. D DECEMBER 15, 2004
ICS8431I-21 ICST-ICS8431I-21 Datasheet
207Kb / 16P
350MHZ, LOW JITTER, CRYSTAL OSCILLATOR-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A AUGUST 2, 2005
ICS84329-01B ICST-ICS84329-01B Datasheet
270Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A JUNE 10, 2005
ICS84329B ICST-ICS84329B Datasheet
237Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-02 ICST-ICS84330-02 Datasheet
226Kb / 17P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-03 ICST-ICS84330-03 Datasheet
248Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330CI ICST-ICS84330CI Datasheet
280Kb / 19P
720MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A DECEMBER 7, 2004
logo
Integrated Device Techn...
ICS84329-01 IDT-ICS84329-01 Datasheet
338Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84329B RENESAS-84329B Datasheet
616Kb / 19P
700MHZ, Low Jitter, Crystal-to-3.3V LVPECL Frequency Synthesizer
07/29/14
84330-01 RENESAS-84330-01 Datasheet
503Kb / 20P
700MHz, Low Jitter, Crystal-To-3.3V LVPECL Frequency Synthesizer
5/26/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com