Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8431-21 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS8431-21
Description  350MHZ, LOW JITTER, CRYSTAL OSCILLATOR-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8431-21 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS8431-21 Datasheet HTML 1Page - Integrated Circuit Systems ICS8431-21 Datasheet HTML 2Page - Integrated Circuit Systems ICS8431-21 Datasheet HTML 3Page - Integrated Circuit Systems ICS8431-21 Datasheet HTML 4Page - Integrated Circuit Systems ICS8431-21 Datasheet HTML 5Page - Integrated Circuit Systems ICS8431-21 Datasheet HTML 6Page - Integrated Circuit Systems ICS8431-21 Datasheet HTML 7Page - Integrated Circuit Systems ICS8431-21 Datasheet HTML 8Page - Integrated Circuit Systems ICS8431-21 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
8431AM-21
www.icst.com/products/hiperclocks.html
REV. A APRIL 27, 2005
4
Integrated
Circuit
Systems, Inc.
ICS8431-21
350MHZ, LOW JITTER, CRYSTAL OSCILLATOR-
TO
-3.3V LVPECL FREQUENCY SYNTHESIZER
TABLE 3A. SSC CONTROL INPUT FUNCTION TABLE
TABLE 3B. PROGRAMMABLE VCO FREQUENCY FUNCTION TABLE (NOTE 1)
s
t
u
p
n
I
O
/
I
_
T
S
E
T
e
c
r
u
o
S
C
S
S
s
t
u
p
t
u
O
s
e
d
o
M
l
a
n
o
i
t
a
r
e
p
O
1
L
T
C
_
C
S
S0
L
T
C
_
C
S
S
T
U
O
F
n
,
T
U
O
F
O
/
I
_
T
S
E
T
0
L
E
S
_
V
I
D1
L
E
S
_
V
I
D
00
l
a
n
r
e
t
n
Id
e
l
b
a
s
i
DL
A
T
X
f
÷ 2
3L
A
T
X
f
÷ 4
6
L
A
T
X
f
÷ 6
1
÷ M
N
d
n
a
M
,
r
o
t
a
ll
i
c
s
o
;
s
s
a
p
y
b
L
L
P
1
E
T
O
N
.
e
d
o
m
t
s
e
t
s
r
e
d
i
v
i
d
01
L
L
Pd
e
l
b
a
n
E
M
x
L
A
T
X
f
2
3
M
x
L
A
T
X
f
4
6
Z
-
i
H
;
C
S
S
t
l
u
a
f
e
D
t
n
e
c
r
e
P
½
=
r
o
t
c
a
F
n
o
i
t
a
l
u
d
o
M
10
l
a
n
r
e
t
x
Ed
e
l
b
a
s
i
Dk
l
C
t
s
e
Tk
l
C
t
s
e
Tt
u
p
n
I
;
1
E
T
O
N
,
e
d
o
M
s
s
a
p
y
B
L
L
P
z
H
M
1
(
≤
k
l
C
t
s
e
T
≤
)
z
H
M
0
0
2
11
L
L
Pd
e
l
b
a
s
i
D
M
x
L
A
T
X
f
2
3
M
x
L
A
T
X
f
4
6
Z
-
i
Hn
o
i
t
a
l
u
d
o
M
C
S
S
o
N
.
n
o
i
t
a
z
i
r
e
t
c
a
r
a
h
c
d
n
a
g
u
b
e
d
e
s
u
o
h
n
i
r
o
f
d
e
s
U
:
1
E
T
O
N
y
c
n
e
u
q
e
r
F
O
C
V
)
z
H
M
(
t
n
u
o
C
M
6
5
28
2
14
62
36
18
4
2
1
8
M7
M6
M5
M4
M3
M2
M1
M0
M
0
5
20
5
2
0
11111
0
1
0
1
5
21
5
2
0
11111
0
11
2
5
22
5
2
0
111111
00
3
5
23
5
2
0
111111
0
1
•
•
•
••••••••
•
•
•
••••••••
8
0
58
0
5
1
111111
00
9
0
59
0
5
1
111111
0
1
0
1
50
1
5
1
1111111
0
1
1
51
1
5
1
11111111
.
l
a
t
s
y
r
c
z
H
M
6
1
a
s
e
m
u
s
s
A
:
1
E
T
O
N
TABLE 3C. FUNCTION TABLE
s
t
u
p
n
I
e
u
l
a
V
r
e
d
i
v
i
D
N
)
z
H
M
(
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
L
E
S
_
V
I
Dm
u
m
i
n
i
Mm
u
m
i
x
a
M
02
5
2
10
5
3
14
5
.
2
65
7
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com