Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3203 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AX3203
Description  150KHz, 5A PWM Buck DC/DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX3203 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AX3203 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX3203 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX3203 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX3203 Datasheet HTML 4Page - List of Unclassifed Manufacturers AX3203 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX3203 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX3203 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page No. : 3/7
AVANTICS - AX3203 Series
Specification No.: 050310-FE0010
All Output Voltage Versions Electrical Characteristics
Specifications with boldface type apply over for full operating temperature range, the other type are for TJ=25oC
(Unless otherwise specified, V
IN=12V for the 3.3V, 5V, and adjustable version and VIN=24V for the 12V version, ILOAD=500mA)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Device Parameters
Feedback Bias Current
I
b
Adjustable Version Only, V
FB=1.3V
-
10
50
100
nA
Oscillator Frequency
f
O
(Note 6)
127
110
150
173
173
KHz
Saturation Voltage
V
SAT
I
OUT=5A
(Note 7,8)
-1.5
1.6
1.7
V
Max. Duty Cycle (ON)
Min.
Duty Cycle (OFF)
DC
(Note 8)
(Note 9)
-
100
0
-%
Current Limit
I
CL
Peak Current (Note 7,8)
5.5
6
6.5
7.5
A
Output=0V (Note 7,9)
-
-
50
uA
Output Leakage Current
I
L
Output=-1V (Note 10)
-2
30
mA
Quiescent Current
I
Q
(Note 9)
-5
10
mA
Standby Quiescent Current
I
STBY
ON/OFF pin=5V (Note 10)
-
150
250
300
uA
TO220-5L
-
2.5
-
θJC
TO263-5L
Junction to
Case
-3.5
-
oC/W
TO220-5L
-
28
-
Thermal Resistance
θJA(Note 11)
TO263-5L
Junction to
ambient
-23
-
oC/W
ON/OFF Control
V
IH
Low (Regulator ON)
-
0.6
ON/OFF Pin Logic Input Threshold
Voltage
V
IL
High (Regulator OFF)
2.0
1.3
-
V
I
IH
V
LOGIC=2.5V (Regulator OFF)
-
15
25
ON/OFF Pin Input Current
I
IL
V
LOGIC=0.5V (Regulator ON)
-
0.02
5
uA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which
the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions,
see the Electrical Characteristics.
Note 2: The human body model is a 100pF capacitor discharged through a 1.5k resistor into each pin.
Note 3: Typical numbers are at 25oC and represent the most likely norm.
Note 4: All limits guaranteed at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
Note 5: External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator system performance.
Note 6: The switching frequency is reduced when the second stage current limit is activated.
Note 7: No diode, inductor or capacitor connected to output pin.
Note 8: Feedback pin removed from output and connected to 0V to force the output transistor switch ON.
Note 9: Feedback pin removed from output and connected to 12V for the 3.3V, 5V, ADJ. version, and 15V for the 12V version, to force the output
transistor switch OFF.
Note 10: VIN=40V.
Note 11: Junction to ambient thermal resistance. (With copper area of approximately 3in2)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com